Electronic Components Datasheet Search
  English  ▼

X  

B2201A Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # B2201A
Description  Leakage Switch Mainframe
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

B2201A Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  B2201A Datasheet HTML 1Page - Agilent(Hewlett-Packard) B2201A Datasheet HTML 2Page - Agilent(Hewlett-Packard) B2201A Datasheet HTML 3Page - Agilent(Hewlett-Packard) B2201A Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Configuration
Input (B2200A/B2201A)
IV port: 8 triaxial ports
(or 4 Kelvin triaxial ports) with
low leakage performance
AUX port: 6 BNC ports including
dedicated 2 CV ports
All input ports can use concurrently
Output (B2210A/B2211A)
12 triaxial ports per switch module.
Frame can have 4 modules
maximum. (Total 48 ports)
Software
The B2200A and B2201A include
a CD-ROM with VXI Plug&Play driver
which contains capacitance compen-
sation routine.
•
•
•
•
General specifications
Temperature range
Operation:
+5° C to 35° C
Storage:
–20° C to 70° C
Humidity range
Operation:
+5% to 70% R.H. no condensation
Storage:
(B2200A, B2210A)
< 80% @35° C, < 60% @ 65° C
no condensation
(B2201A, B2211A)
< 80% @ 65° C no condensation
Altitude
Operation:
0 m to 2,000 m
Storage:
0 m to 15,240 m
Regulatory
Compliance
Safety:
CSA C22.2 No.1010.1/IEC 1010-1
EMC:
CISPR 11 Group 1 class A&EN50082-1
Power requirement
90 to 264 V (continuous), 47 to 63 Hz, 2 A/200 VA max
Number of slots
4 slots for 48 mm height switch module.
Size
B2200A/B2201A
430 mm W x 320 mm H x 600 mm D
B2210A/B2211A
395 mm W x 48 mm H x 500 mm D
Weight (approx.)
B2200A/B2201A
14.0 kg
B2210A
4.5 kg
B2211A
3.5 kg
Number of ports (B2210A, B2211A use with B2200A, B2201A)
I-V port:
8 triaxial ports (with guard)
AUX port:
6 BNC ports (2 of CV port)
Output channel:
12 triaxial ports (with guard),
max. 48 ports
Switch module specifications (Used with mainframe*1)
Condition
B2210A
B2211A
Max current rating (A):
I-V port
1.0
1.0
AUX port
0.5
0.5
Max voltage rating (V):
I-V: (to common)
200
200
I-V: (to other ch.)
300
300
AUX: (to common)
100
100
AUX: (to other ch.)
100
100
Close channel residual resistance (Ω):
I-V port
0.6
0.6
AUX port
1.5
1.5
Channel isolation resistance (Ω):
I-V port
1x1014
5x1013
AUX port
1x109
1x109
Condition: 23° C ± 5° C, 5% to 60% R.H.
1. B2200A only supports B2210A fA leakage switch module.
B2201A only supports B2211 14ch low leakage switch module.
Mixed configuration is not supported.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com