Electronic Components Datasheet Search
  English  ▼

X  

E4428C Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # E4428C
Description  Analog Signal Generator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

E4428C Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button E4428C Datasheet HTML 9Page - Agilent(Hewlett-Packard) E4428C Datasheet HTML 10Page - Agilent(Hewlett-Packard) E4428C Datasheet HTML 11Page - Agilent(Hewlett-Packard) E4428C Datasheet HTML 12Page - Agilent(Hewlett-Packard) E4428C Datasheet HTML 13Page - Agilent(Hewlett-Packard) E4428C Datasheet HTML 14Page - Agilent(Hewlett-Packard) E4428C Datasheet HTML 15Page - Agilent(Hewlett-Packard) E4428C Datasheet HTML 16Page - Agilent(Hewlett-Packard) E4428C Datasheet HTML 17Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
Specifications for Analog Modulations
Amplitude modulation1, 2
[fc > 500 kHz]
Range
0 to 100%
Resolution
0.1%
Rates [3 dB bandwidth]
DC coupled
0 to 10 kHz
AC coupled
10 Hz to 10 kHz
Accuracy2,3
1 kHz rate
< ±(6% of setting +1%)
Distortion2,3 [1 kHz rate, THD]
Option 503
Option 506
30% AM
< 1.5%
< 1.5%
90% AM
(< 4%)
(< 5%)
AM using external inputs 1 or 2
Sensitivity
1 V
peak to achieve indicated depth
Input impedance
50 Ω, nominal
Paths
AM path 1 and AM path 2 are summed internally for
composite modulation.
1. All analog performance above 3 GHz is typical.
2. AM is typical above 3 GHz.
3. Peak envelope power of AM must be 3 dB less than maximum output power below 250 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com