Electronic Components Datasheet Search
  English  ▼

X  

ST7531 Datasheet(PDF) 45 Page - Sitronix Technology Co., Ltd.

Part # ST7531
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7531 Datasheet(HTML) 45 Page - Sitronix Technology Co., Ltd.

Back Button ST7531 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7531 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7531 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7531 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7531 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7531 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7531 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7531 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7531 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 85 page
background image
ST7531
Ver 1.8
45/85
2006/9/18
PB4: It is used to specify the scrolling mode.
Settings
SCM1 SCM0 Scrolling Mode
Top block address (TB) Bottom block address (BB)
Number of specified blocks
(NSB)
0
0
Center mode
Top(fixed area) height
= Top address
Bottom(fixed area) height
= 39-Bottom address
Bottom start address
= Specified number
0
1
Top mode
0
Bottom(fixed area) height
= 39-Bottom address
Bottom start address
= Specified number
1
0
Bottom mode
Top(fixed area) height
= Top address
39
39
1
1
Whole mode
0
39
39
Since ST7531 processes the liquid crystal display
signals on the four-line basis (block basis), fixed and
scrolled areas are also specified on the four-line basis
(block basis).
DDRAM address of the top fixed area is set in the block
address increasing direction starting with the 0
th block.
DDRAM address of the bottom fixed area is set in the
block address decreasing direction starting with 39
st
block. The DDRAM address of other blocks fixed areas
are assigned to the scrolled + background areas.
PB1 is to specify the top block address of the scrolled +
background areas. Specify the 0
th block for the top screen scroll or whole screen scroll.
PB2 specifies the bottom address of the scroll + background areas. Specify the 39
th block for the bottom or whole screen
scroll. The relation that top block address < bottom block address must be maintained.
PB3 specifies a specific number of blocks {Numbers of (Top fixed area +Scroll area) block-1}. In the case of the bottom
scroll or whole screen scroll, the value is identical with PB2.
The user can turn on the area scroll function by executing the area scroll set command first and then specifying the display
start block of the scroll area with the scroll start set command.
(16) Scroll start address set (SCSTART) - Parameter Byte: 1 (ABH)
This command is to specify which line address of DDRAM to be the start line content shown on screen. Note that you must
execute this command after executing the area scroll set command. Scroll becomes available by dynamically changing the
start block address.
A0
RD
RW
D7
D6
D5
D4
D3
D2
D1
D0
Function
Command
0
1
0
1
0
1
0
1
0
1
1
--
Parameter Byte 1 (PB1)
1
1
0
*
*
SB5
SB4
SB3
SB2
SB1
SB0 Start block address
Note : Don’t repeat “Area scroll set(AAH)” instruction when “Scroll start address set” is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com