Electronic Components Datasheet Search
  English  ▼

X  

N2102B Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # N2102B
Description  Pattern Generator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N2102B Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  N2102B Datasheet HTML 1Page - Agilent(Hewlett-Packard) N2102B Datasheet HTML 2Page - Agilent(Hewlett-Packard) N2102B Datasheet HTML 3Page - Agilent(Hewlett-Packard) N2102B Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
PXIT 10.3125 Gb/s
Pattern Generator
N2102B
Features
•
PRBS generations 2n – 1, (n = 7, 9, 11, 15, 23, 31)
•
User selectable data patterns: K28.5, K28.7, CRPAT
•
Single error and error rate injection
•
Differential data output
•
SMA trigger output (clock/128, pattern, user defined burst enable )
•
SMA clock input and output
•
Requires external clock
•
2-slot PXI module
•
User defined patterns
▫ 2048 bits maximum length
▫ 16 Kbytes if pattern length is divisable by 64.
Specifications
Parameter
Specification
Bit rate operation
622 Mb/s to 10.3125 Gb/s
Output rise/fall time (20% - 80%)
25 ps (max) 22 ps characteristic
Output intrinsic jitter
2.5 ps RMS (max) 1.5 RMS ps characteristic
Output voltage range (single-ended)
250 mV to 1 V pp
Output voltage resolution
5 mV
Pattern trigger/clock output voltage
1 V pp (characteristic)
Front panel connectors
SMA
Clock input voltage range
500 mV to 1 V pp (characteristic)
Note: Unless otherwise stated all signals are AC coupled and 50 Ω terminations are expected
User friendly configuration screen
The N2101B eye output at 10.3125 Gb/s viewed
on the DCA-J



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com