Electronic Components Datasheet Search
  English  ▼

X  

N4375B Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # N4375B
Description  20 GHz and 26.5 GHz Single-Mode
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N4375B Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  N4375B Datasheet HTML 1Page - Agilent(Hewlett-Packard) N4375B Datasheet HTML 2Page - Agilent(Hewlett-Packard) N4375B Datasheet HTML 3Page - Agilent(Hewlett-Packard) N4375B Datasheet HTML 4Page - Agilent(Hewlett-Packard) N4375B Datasheet HTML 5Page - Agilent(Hewlett-Packard) N4375B Datasheet HTML 6Page - Agilent(Hewlett-Packard) N4375B Datasheet HTML 7Page - Agilent(Hewlett-Packard) N4375B Datasheet HTML 8Page - Agilent(Hewlett-Packard) N4375B Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
General Information
Agilent’s N4375B Lightwave Component Analyzer (LCA) is the
instrument of choice to test 10G Ethernet, FCx8, FCx10 and
FCx16 electro-optical components, with up to 20 or 26.5 GHz
modulation range.
Modern optical transmission systems require fast, accurate
and repeatable characterization of the core electro-optical
components, the transmitter, receiver, and their subcompo-
nents (lasers, modulators and detectors), to guarantee per-
formance with respect to modulation bandwidth, jitter, gain,
and distortion of the final transceiver.
For frequency dependent responsivity measurements
the N4375B is the successor of the industry standard
8703A/B LCAs.
With a completely new design of the optical test set and a
new RF-switched architecture, together with the latest PNA
family of network analyzers, the N4375B guarantees excel-
lent electro-optical measurement performance. In addition
a unique new calibration concept significantly reduces time
from powering up the LCA until the first calibrated measure-
ment can be made. This increases productivity in R&D and
on the manufacturing floor.
The fully integrated “turnkey” solution reduces time to mar-
ket, compared to the time-consuming development of a self-
made setup.
By optimizing the electrical and optical design of the N4375B
for lowest noise and ripple, the accuracy has been improved
by more than a factor of 3 and is now independent of the
electrical reflection coefficient of the device under test.
It’s the excellent accuracy that improves the yield from tests
performed with the N4375B, by narrowing margins needed
to pass the tested devices. NIST traceability ensures world-
wide comparability of test results.
The advanced optical design together with temperature-
stabilized transmitter and receiver ensures repeatable mea-
surements over days without recalibration.
Using the advanced measurement capabilities of the net-
work analyzer, all S-parameter related characteristics of the
device under test, like responsivity, ripple, group delay and
3dB-cutoff frequency, can be qualified with the new N4375B
Lightwave Component Analyzer from 10 MHz to 20 GHz.
The network analyzer
The N4375B comes in two basic versions. The economic line
is based on a PNA-L network-analyzer and is available as a
2 port system. The high end version is based on the new
PNA-X and offers true balanced measurements, extended
optical modulation index (OMI) and is available with 2 or
4 ports. Both versions have the same specifications up to 20
GHz. The PNA-X based LCA is calibrated up to 26.5 GHz.
Key benefits
High absolute and relative accuracy measurements
improve the yield of development and production pro-
cesses. With the excellent accuracy and reproducibil-
ity, measurement results can be compared among test
locations world wide.
High confidence and fast time-to-market with a NIST-
traceable turnkey solution.
Significantly increased productivity using the fast and
easy measurement setup with an unique new calibra-
tion process leads to lower cost of test.
More than 3 times faster than predecessor 8703A/B
series speeds up every test procedure
New switched architecture of optical test set for long-
term reliability and stability of test results.
Identical LCA software and remote control across the
N437xB family simplifies integration
Relative frequency response uncertainty:
± 0.5 dB @ 20GHz (typ)
Absolute frequency response uncertainty:
± 1.5 dB @ 20GHz (typ)
Noise floor:
-86 dB W/A for E/O measurements @ 20 GHz
-76 dB A/W for O/E measurements @ 20 GHz
Typical phase uncertainty:
±2.0°
Transmitter wavelength:
1550nm ± 20 nm
1310nm ± 20 nm
1290 - 1610 nm with external source input
Built-in optical power meter
For fast transmitter power verification
Powerful remote control:
State of the art programming interface based on Microsoft
.NET or COM.
Warranty:
1 year warranty is standard for N4375B Lightwave Compo-
nent Analyzer;
Extension to 3 years available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com