Electronic Components Datasheet Search
  English  ▼

X  

ST7573 Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST7573
Description  132 x 33 Dot Matrix LCD Controller/Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7573 Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST7573 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7573 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7573 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7573 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7573 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7573 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7573 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7573 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7573 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
ST7573
Ver 1.0b
2/46
2007/07/12
3. ST7573 Pad Arrangement (COG)
Chip Size:
6074
µm(X) x 720µm(Y)
Chip Thickness: 480
µm
Bump Height:
15
µm
PAD Pitch:
PAD
Pitch
PAD
Pitch
1~5
60.0
50~72
60.0
5~6
84.5
72~73
70.0
6~11
60.0
73~96
60.0
11~12
84.5
97~115
34.0
12~39
60.0
115~116
57.0
39~40
89.0
116~247
34.0
40~49
60.0
247~248
57.0
49~50
70.0
248~267
34.0
Rough layout
For easy LCM design, the Power-1, Power-2 & Power-3 are identical (any one of them can be used).
Power-3 has VGI, VGS, V0O, V0I, V0S, XV0O, XV0I and XV0S which are not in Power-1 or Power-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com