Electronic Components Datasheet Search
  English  ▼

X  

ST7578 Datasheet(PDF) 30 Page - Sitronix Technology Co., Ltd.

Part # ST7578
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7578 Datasheet(HTML) 30 Page - Sitronix Technology Co., Ltd.

Back Button ST7578 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7578 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7578 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7578 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7578 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7578 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7578 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7578 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7578 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
ST7578
Ver 1.2
30/52
2007/04/30
Set X Address of RAM
The X address points to the columns. The range of X is 0…101.
A0
R/W(RWR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
X6
X5
X4
X3
X2
X1
X0
X6
X5
X4
X3
X2
X1
X0
Column address
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
0
0
0
0
1
0
2
0
0
0
0
0
1
1
3
:
:
:
:
:
:
:
:
1
1
0
0
0
1
1
99
1
1
0
0
1
0
0
100
1
1
0
0
1
0
1
101
H=1 (Extended Instruction)
Display Configuration
Top/bottom row mode set data order
A0
R/W(RWR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
1
DO
X
X
Flag
Description
DO
DO=0: LSB is on top
DO=1: MSB is on top
Refer to Page 23.
System Bias
Select LCD bias ratio of the voltage required for driving the LCD.
A0
R/W(RWR)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
1
0
BS2
BS1
BS0
BS2
BS1
BS0
Bias
0
0
0
11
0
0
1
10
0
1
0
9
0
1
1
8
1
0
0
7
1
0
1
6
1
1
0
5
1
1
1
4
Recommend LCD Bias Voltage
Symbol
Voltage for 1/9 Bias
V0
V0
VG
2/9 x V0
VM
1/9 x V0
VSS
VSS
* VG range: 1.24V ≤ VG < VDD2.
* VM range: 0.62V ≤ VM < VDD2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com