Electronic Components Datasheet Search
  English  ▼

X  

ST7624 Datasheet(PDF) 22 Page - Sitronix Technology Co., Ltd.

Part # ST7624
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7624 Datasheet(HTML) 22 Page - Sitronix Technology Co., Ltd.

Back Button ST7624 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7624 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 98 page
background image
ST7624
Ver 1.8
22/98
2006/08/15
Memory Map (When using the 262K color. 8-bit mode,)
RGB alignment (Command of data control parameter2=000)
Data control command (BCH)
Column
0
1
103
P11:0(DATCTL)
103
102
0
P11:1(DATCTL)
Color
R
G
B
R
G
B
R
G
B
LCD
read
direction
Data
Page
Block
P10:0
(DATCTL)
P10:1
(DATCTL)
D7
D6
D5
D4
D3
D2
D7
D6
D5
D4
D3
D2
D7
D6
D5
D4
D3
D2
D7
D6
D5
D4
D3
D2
D7
D6
D5
D4
D3
D2
D7
D6
D5
D4
D3
D2
D7
D6
D5
D4
D3
D2
D7
D6
D5
D4
D3
D2
D7
D6
D5
D4
D3
D2
0
103
1
102
2
101
0
3
100
4
99
5
98
6
97
1
7
96
96
7
97
6
98
5
24
99
4
100
3
101
2
102
1
25
103
0
SEGout
0
1
2
3
4
5
309
310
311
You can change position of R and B with DATCTL command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com