Electronic Components Datasheet Search
  English  ▼

X  

ST7628 Datasheet(PDF) 39 Page - Sitronix Technology Co., Ltd.

Part # ST7628
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7628 Datasheet(HTML) 39 Page - Sitronix Technology Co., Ltd.

Back Button ST7628 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7628 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 213 page
background image
ST7628
Ver 1.4
39/213
2008/08
Tearing Effect Line Timing
The Tearing Effect signal is described below:
Table 7.3.1 AC characteristics of Tearing Effect Signal
Idle Mode Off (Frame Rate = 77Hz, N-line = 0x01, Vop=12V, VDDI/VDDA=1.8V/2.8V)
Symbol
Parameter
Min
Typ
Max
Unit
description
tVDL
Vertical Timing Low Duration
--
13
--
ms
tVDH
Vertical Timing High Duration
1
1.6
--
ms
Mode1
tHDL
Horizontal Timing Low Duration
--
185
--
us
tHDH
Horizontal Timing High Duration
11
12
--
us
Mode2
Note: The signal’s rise and fall times (tf, tr) are stipulated to be equal to or less than 15ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com