Electronic Components Datasheet Search
  English  ▼

X  

ST7632 Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST7632
Description  4K Color Dot Matrix LCD Controller/Driver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7632 Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7632 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 96 page
background image
ST
Sitronix
ST7632
4K Color Dot Matrix LCD Controller/Driver
Ver 1.7
1/96
2006/08/15
1. INTRODUCTION
The ST7632 is a driver & controller LSI for 4K color graphic dot-matrix liquid crystal display systems. It generates 396
Segment and 132 Common driver circuits. This chip is connected directly to a microprocessor, accepts Serial Peripheral
Interface (SPI) or 8-bit/16-bit parallel display data and stores in an on-chip display data RAM. It performs display data RAM
read/write operation with no external operating clock to minimize power consumption. In addition, because it contains
power supply circuits necessary to drive liquid crystal, it is possible to make a display system with the fewest components.
2. FEATURES
Driver Output Circuits
−396 segment outputs / 132 common outputs
Applicable Duty Ratios
− Various partial display
− Partial window moving & data scrolling
On-chip Display Data RAM
− Capacity: 396 × 132 × 4 =209,088 bits
− 256 colors (RGB)=(332) mode
−4K colors (RGB)=(444) mode
−Dithered 65K colors (RGB)=(565) mode
−Dithered 262K colors (RGB)=(666) mode
−Dithered 16M colors (RGB)=(888) mode
Microprocessor Interface
− 8/16-bit parallel bi-directional interface with 6800-series
or 8080-series
− 4-line serial interface (4-line-SIF)
− 3-line serial interface (3-line-SIF)
On-chip Low Power Analog Circuit
− On-chip oscillator circuit
− Voltage converter (x2, x3, x4, x5, x6, x7, x8)
− Voltage regulator
− On-chip electronic contrast control function
− Voltage follower (LCD bias: 1/5 to 1/12)
Operating Voltage Range
− Supply voltage (VDD, VDD1): 2.0 to 3.3V
(VDD2, VDD3, VDD4, VDD5): 2.6 to
3.3V
V3 & V4 must large than VDD5
− LCD driving voltage (VLCD = V0 - VSS): 3.76 to 18.0 V
− Suggest Vop range=12V~14V,LCD bias=1/12.
LCD driving voltage (EEPROM)
− To store contrast adjustment value for better display
Package Type
− Application for COG
Par no.
Equipment
Type
Thermal Gradient
ST7632
Internal
Power
Supply
-0.125( +-10% )%/℃
ST7632
6800 , 8080 ,4-Line , 3-Line interface


Similar Part No. - ST7632

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST763 STMICROELECTRONICS-ST763 Datasheet
252Kb / 10P
3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
Nov-2000
logo
Sitronix Technology Co....
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
65K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
65K Color Dot Matrix LCD Controller/Driver
ST7637 SITRONIX-ST7637 Datasheet
2Mb / 210P
65K 132x132 Color Dot Matrix LCD Controller/Driver
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
Nov-2000
More results

Similar Description - ST7632

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7530 SITRONIX-ST7530 Datasheet
1Mb / 100P
65K Color Dot Matrix LCD Controller/Driver
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
65K Color Dot Matrix LCD Controller/Driver
ST7532 SITRONIX-ST7532 Datasheet
1Mb / 85P
65K Color Dot Matrix LCD Controller/Driver
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
65K Color Dot Matrix LCD Controller/Driver
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
65K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
65K Color Dot Matrix LCD Controller/Driver
ST7669V SITRONIX-ST7669V Datasheet
2Mb / 208P
262K 132x162 Color Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com