Electronic Components Datasheet Search
  English  ▼

X  

ST7920 Datasheet(PDF) 39 Page - Sitronix Technology Co., Ltd.

Part # ST7920
Description  Chinese Fonts built in LCD controller/driver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7920 Datasheet(HTML) 39 Page - Sitronix Technology Co., Ltd.

Back Button ST7920 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7920 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
ST7920
V4.0
39/49
2008/08/18
DC Characteristics (TA = -30℃ ~ 85℃, VDD = 4.5 V - 5.5 V)
Symbol
Characteristics
Test Condition
Min.
Typ.
Max.
Unit
VDD
Operating Voltage
-
4.5
-
5.5
V
VLCD
LCD Voltage
V0-VSS
3.0
-
7
V
ICC
Power Supply Current
fOSC = 540KHz, VDD=5V
Rf=33KΩ
-
0.45
0.75
mA
VIH1
Input High Voltage
(Except OSC1)
-
0.7VDD
-
VDD
V
VIL1
Input Low Voltage
(Except OSC1)
-
-0.3
-
0.6
V
VIH2
Input High Voltage
(OSC1)
-
VDD-1
-
VDD
V
VIL2
Input Low Voltage
(OSC1)
-
-
-
1.0
V
VOH1
Output High Voltage
(DB0 - DB7)
IOH = -0.1mA
0.8VDD
-
VDD
V
VOL1
Output Low Voltage
(DB0 - DB7)
IOL = 0.1mA
-
-
0.4
V
VOH2
Output High Voltage
(Except DB0 - DB7)
IOH = -0.04mA
0.8VDD
-
VDD
V
VOL2
Output Low Voltage
(Except DB0 - DB7)
IOL = 0.04mA
-
-
0.1VDD
V
ILEAK
Input Leakage
Current
VIN = 0V to VDD
-1
-
1
µA
IPUP
Pull Up MOS Current
VDD = 5V
75
80
85
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com