Electronic Components Datasheet Search
  English  ▼

X  

B25673A5162A720 Datasheet(PDF) 2 Page - EPCOS

Part # B25673A5162A720
Description  Film capacitors - Power Factor Correction
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25673A5162A720 Datasheet(HTML) 2 Page - EPCOS

  B25673A5162A720 Datasheet HTML 1Page - EPCOS B25673A5162A720 Datasheet HTML 2Page - EPCOS B25673A5162A720 Datasheet HTML 3Page - EPCOS B25673A5162A720 Datasheet HTML 4Page - EPCOS B25673A5162A720 Datasheet HTML 5Page - EPCOS B25673A5162A720 Datasheet HTML 6Page - EPCOS B25673A5162A720 Datasheet HTML 7Page - EPCOS B25673A5162A720 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Film capacitors – Power Factor Correction
B25673A5162A720
PhaseCap Compact capacitors
MKK525-D-16.7-02
FK PC PM PFC
May 2009
Please read Cautions and warnings and
Page 2 of 8
Important notes at the end of this document
.
Construction
Dielectric: Polypropylene film
Non PCB, Semi-dry biodegradable resin
Concentric winding
Wave cut
Extruded round aluminum can with stud
Provided with ceramic discharge module
Overpressure disconnector
Features
Three phase, delta connected
Self-healing technology
Naturally air cooled (or forced air cooling)
Indoor mounting
Typical applications
For Power Factor Correction
Terminals
SIGUT terminals
Mounting
Threaded stud at bottom of can
(max. torque = 10 Nm for M12)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com