Electronic Components Datasheet Search
  English  ▼

X  

SA0707 Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # SA0707
Description  6-15 Watt Switching Adapter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SA0707 Datasheet(HTML) 2 Page - Bothhand USA, LP.

  SA0707 Datasheet HTML 1Page - Bothhand USA, LP. SA0707 Datasheet HTML 2Page - Bothhand USA, LP. SA0707 Datasheet HTML 3Page - Bothhand USA, LP. SA0707 Datasheet HTML 4Page - Bothhand USA, LP. SA0707 Datasheet HTML 5Page - Bothhand USA, LP. SA0707 Datasheet HTML 6Page - Bothhand USA, LP. SA0707 Datasheet HTML 7Page - Bothhand USA, LP. SA0707 Datasheet HTML 8Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
SA07
ORDERING INFORMATION
Fig.A
Fig.B
Fig.D
Unit: m.m.
- A
1
-
A
Output Plug List
Fig.C
0 5
Output Voltage
Blank
Main Unit
Mechanical
AC plug drawing for reference only
MECHANICAL
Standard Output Cable:
3.3V~5V: 18AWG, UL SPT-1, 1800mm.
6V~12V: 20AWG, UL 2468, 1800mm.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com