Electronic Components Datasheet Search
  English  ▼

X  

SA0710 Datasheet(PDF) 5 Page - Bothhand USA, LP.

Part # SA0710
Description  6-15 Watt Switching Adapter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

SA0710 Datasheet(HTML) 5 Page - Bothhand USA, LP.

  SA0710 Datasheet HTML 1Page - Bothhand USA, LP. SA0710 Datasheet HTML 2Page - Bothhand USA, LP. SA0710 Datasheet HTML 3Page - Bothhand USA, LP. SA0710 Datasheet HTML 4Page - Bothhand USA, LP. SA0710 Datasheet HTML 5Page - Bothhand USA, LP. SA0710 Datasheet HTML 6Page - Bothhand USA, LP. SA0710 Datasheet HTML 7Page - Bothhand USA, LP. SA0710 Datasheet HTML 8Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
FEATURES
●Removable AC Plug(Reduce Stock)
●Cispr 22’B’, Vcci’B’, Fcc’B’ Compliance
●Light Weight: 130g only (Without AC Plug)
●Efficiency Over 70%
●Over-Voltage Protective Installation
●Short-circuit Protective Installation
●Protection Type: Auto-Recover
●Operating Temperature 0℃~40℃
SPECIFICATION
Model
Item
SA07L04~07
Output Voltage
+4V~7V
Output Rating
6W Max
Input Voltage
AC 90~264V
Input Frequency
47~63Hz
Input Current
0.3A Maximum
Inrush Current
30A Maximum
Line Regulation
2% Maximum
Load Regulation
±5%
Ripple & Noise
1% Typical
Efficiency
67% Typical
Temperature Coefficient
0.05%/℃
Over-Voltage Protection
8V~14V Maximum
Operating Temperature
0~40℃
Storage Temperature
-20~85℃
Fig. A
UL, CUL, CB, LPS, BSMI, CE, PSE
Fig. B
C-TICK, CB, LPS, BSMI, CE
Fig. C
BSI, CB, LPS, BSMI, CE
Safety Description
Fig. D
TUV, CB, LPS, BSMI, CE
(*): Under Development
(I/P): In Process
Bothhandusa.com
SA07L Series 6 Watt Switching Adapter



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com