Electronic Components Datasheet Search
  English  ▼

X  

158DM2LP11000 Datasheet(PDF) 1 Page - ETRI

Part # 158DM2LP11000
Description  DC Axial Fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

158DM2LP11000 Datasheet(HTML) 1 Page - ETRI

  158DM2LP11000 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition 2008
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Part Number
Nominal
voltage
Airflow
Nominal speed
Noise level
Input Power
Voltage range
Operating temperature
Additional versions:
Over voltages - other speeds - salt spray protected - shock and vibration protected
IP54: consult factory
158DL5LP11000
5
27
29,5
1680
1,4
(4,5-6)
X
-20
70
158DL1LP11000
12
27
29,5
1680
1,6
(6-15)
X
-20
70
158DL2LP11000
24
27
29,5
1680
1,8
(15-28)
X
-20
70
158DL4LP11000
48
27
29,5
1680
2,1
(22-56)
X
-20
70
158DM5LP11000
5
39
37,5
2450
3,2
(4,5-6)
X
-20
70
158DM1LP11000
12
39
37,5
2450
3,3
(6-15)
X
-20
70
158DM2LP11000
24
39
37,5
2450
3,5
(15-28)
X
-20
70
158DM4LP11000
48
39
37,5
2450
3,7
(22-56)
X
-20
70
158DH5LP11000
5
49
42,5
3050
6,2
(4,5-6)
X
-20
70
158DH1LP11000
12
49
42,5
3050
6,2
(6-15)
X
-20
70
158DH2LP11000
24
49
42,5
3050
6,2
(15-28)
X
-20
70
158DH4LP11000
48
49
42,5
3050
6,2
(22-56)
X
-20
70
158DS1LP11000
12
55,9
45,5
3480
10
(6-13,2)
X
-20
55
158DS2LP11000
24
55,9
45,5
3480
8,7
(15-28)
X
-20
55
158DS4LP11000
48
55,9
45,5
3480
8,7
(22-56)
X
-20
70
V
l/s
dB(A)
RPM
W
V
Leads
Terminals
Min.°C
Max.°C
Connection type
158DL
Airflow: l/s
Airflow: l/s
Airflow: CFM
Airflow: CFM
158DS
Accessories:
Refer to Accessories leaflet
DC Axial Fans
L-10 LIFE AT 40°C:
80 000 hours
Life expectancy
Approvals
R
R
RoHS
158DM
158DH
Brushless DC Motor
Electrical protection: integrated circuit
Housing material: plastic UL 94 VO
Impeller material: plastic UL 94 VO
Weight: 230 g
Bearing system: ball bearings
Available with:
- Variable speed
- Speed sensor
- Alarm
120x120x32mm
158D
Series
4,724’’ x
’’
4,724’’ x 1,26


Similar Part No. - 158DM2LP11000

ManufacturerPart #DatasheetDescription
logo
ETRI
158DM2LP11000 ETRI-158DM2LP11000 Datasheet
182Kb / 1P
DC Axial Fans
More results

Similar Description - 158DM2LP11000

ManufacturerPart #DatasheetDescription
logo
ETRI
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
G1238S ETC2-G1238S Datasheet
378Kb / 1P
DC AXIAL FANS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com