Electronic Components Datasheet Search
  English  ▼

X  

ACP-1010MB Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ACP-1010MB
Description  Compact 1U Rackmount Chassis for SHB/SBC or ATX/MicroATX Motherboard
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ACP-1010MB Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ACP-1010MB Datasheet HTML 1Page - Advantech Co., Ltd. ACP-1010MB Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Computer Chassis
All product specifications are subject to change without notice
Last updated : 20-Aug-2009
Features
ACP-1010/1010MB
Compact 1U Rackmount
Chassis for SHB/SBC or ATX/
MicroATX Motherboard
Space-saving 1U rackmount chassis, ideal building block for business
expansion
Supports either SHB/SBC or ATX/MicroATX motherboards under 1U height
Front LED indicators for LAN connectivity, alarm notification of power supply,
HDD activity, system fan, and in-chassis temperature
Supports a slim ODD, and two 3.5" disk drives
Supports up to 2 expansion slots in BP version, and 1 expansion slot via riser
card in MB version
Supports both 250 W/300 W ATX/PFC power supply
Efficient cooling design prevents the system from over-heating
Specifications
Drive Bay
Front-accessible
Internal
Slim Optical Disk Drive
1
3.5"
1
1 (For ACP-1010BP-30ZE, it only allows 2.5"
HDD.)
Cooling
Fan
BP: 4 (4 cm/24 CFM x 3 + 15 CFM x 1)
MB: 2 (4 cm/24 CFM each)
Front I/O Interface
USB
2
Miscellaneous
Notification LEDs
System: Power, HDD, Temperature, Fan, LAN1 and LAN2
Control
Power switch, system reset & alarm reset button
Rear panel
One 9-pin D-SUB opening
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85 % @ 40° C, non-condensing
10 ~ 95 % @ 40° C, non-condensing
Vibration (5 ~ 500 Hz)
0.5G rms
2 G
Shock
10 G (with 11 ms duration, half sine wave)
30 G
Physical Characteristics
Dimensions (W x H x D)
480 x 44 x 500 mm (19" x 1.7" x 19.7")
Weight
8 kg (17.6 lb)
* This chassis supports up to Intel Pentium 4 84W, Core 2 Duo and Core 2 Quad 95W processors. We suggest that the ACP-1010 should be operated under 35° C if it adopts Core
2 Quad processor.
When you purchase the ACP-1010BP-30ZE, the internal HDD only can be installed 2.5" instead of 3.5".
Slim ODD
Power
HDD
Temperature
Fan
LAN1
LAN2
NEW
Front View
Inside View of ACP-1010MB
Inside View of ACP-1010BP
Rear View of ACP-1010BP
Rear View of ACP-1010MB
System reset
System-monitoring indicators
One 3.5" drive bay
Power switch
Alarm reset Dual USB


Similar Part No. - ACP-1010MB

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-1010MB-00BE ADVANTECH-ACP-1010MB-00BE Datasheet
869Kb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-1010MB0-00XE ADVANTECH-ACP-1010MB0-00XE Datasheet
2Mb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard with Dual SAS/SATA HDD Trays
ACP-1010MB0-00XE ADVANTECH-ACP-1010MB0-00XE Datasheet
2Mb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard with Dual SAS/SATA HDD Trays
ACP-1010MB0-30ZE ADVANTECH-ACP-1010MB0-30ZE Datasheet
2Mb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard with Dual SAS/SATA HDD Trays
ACP-1010MB0-30ZE ADVANTECH-ACP-1010MB0-30ZE Datasheet
2Mb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard with Dual SAS/SATA HDD Trays
More results

Similar Description - ACP-1010MB

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-1000 ADVANTECH-ACP-1000 Datasheet
1Mb / 2P
1U Rackmount Chassis for SBC or ATX/MicroATX Motherboard
ACP-1010 ADVANTECH-ACP-1010_12 Datasheet
2Mb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard with Dual SAS/SATA HDD Trays
ACP-1320 ADVANTECH-ACP-1320_12 Datasheet
2Mb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard with Dual SAS/SATA HDD Trays
logo
Axiomtek Co., Ltd.
AX61131TM AXIOMTEK-AX61131TM Datasheet
231Kb / 2P
1U Rackmount Chassis for ATX Motherboard
logo
Advantech Co., Ltd.
ACP-1010 ADVANTECH-ACP-1010_14 Datasheet
1Mb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard with Dual SAS/SATA HDD Trays
logo
Axiomtek Co., Ltd.
AX61132TM AXIOMTEK-AX61132TM_16 Datasheet
304Kb / 2P
1U Rackmount Chassis for ATX Motherboard
logo
Advantech Co., Ltd.
ACP-1010 ADVANTECH-ACP-1010 Datasheet
869Kb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-1320 ADVANTECH-ACP-1320_13 Datasheet
914Kb / 2P
1U Rackmount Chassis for Full-size SHB/SBC or ATX/MicroATX Motherboard
ACP-2010 ADVANTECH-ACP-2010 Datasheet
785Kb / 2P
2U Rackmount Chassis for ATX/MicroATX Motherboard
ACP-2010MB ADVANTECH-ACP-2010MB_13 Datasheet
541Kb / 2P
2U Rackmount Chassis for ATX/MicroATX Motherboard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com