Electronic Components Datasheet Search
  English  ▼

X  

ACP-2000 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ACP-2000
Description  2U 6-Slot Rackmount Chassis with Front USB and PS/2 Interfaces
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ACP-2000 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ACP-2000 Datasheet HTML 1Page - Advantech Co., Ltd. ACP-2000 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm (inch)
Power Supply Options
Part Number
Specifications
Watt
Input
Output
Mini-load
Safety
MTBF
PS-250ATX-ZE (ATX, PFC)
(IPC-602 only)
250 W
AC 115/230 V
(selectable)
+5 V @ 27 A, +3.3 V @ 20 A
+12 V @ 13 A, -12 V @ 0.8 A
-5 V @ 0.3 A, +5 Vsb @ 2 A
+5 V @ 1.5 A, +3.3 V @ 0.3 A
UL/TUV/CB/CCC
100,000 hours @ 25° C
PS-300ATX-ZBE
(ATX, PFC)
300 W
AC 100 ~ 240 V
(full range)
+5 V @ 30 A, +3.3 V @ 28 A
+12 V @ 15 A, -12 V @ 0.8 A
-5 V @ 0.3 A, +5 Vsb @ 2 A
+5 V @ 0.5 A, +12 V @ 0.5 A
UL/TUV/CB/CCC
100,000 hours @ 25° C
PS-400ATX-ZBE (ATX, PFC)
400 W
AC 100 ~ 240 V
(full range)
+5 V @ 35 A, +3.3 V @ 28 A
+12 V @ 30 A, -12 V @ 0.8 A
-5 V @ 0.5 A, +5 Vsb @ 2 A
+5 V @ 3 A, +12 V @ 1 A
+5 Vsb @ 0.1 A
UL/TUV/CB/CCC
91,000 hours @ 25° C
PS-300ATX-DC48E (ATX)
300 W
DC -48 V
+3.3 V @ 28 A, +5 V @ 30 A,
+12 V @ 15 A, -5 V @ 0.3 A,
-12 V @ 0.8 A, +5 Vsb @ 2 A
+5 V @ 0.3 A, +3.3 V @ 0.3 A,
+12 V @ 0.2 A
UL/TUV/CB/CCC
100,000 hours @ 25° C
RPS-300ATX-ZE (ATX, PFC)
(ACP-2000 only)
300 W
AC 100 ~ 240 V
(full range)
+5 V @ 25 A, +3.3 V @ 18 A
+12 V @ 16 A, -12 V @ 0.5 A
-5 V @ 0.5 A, +5 Vsb @ 2 A
+5 V @ 3 A, +3.3 V @ 1 A
+12 V @ 2 A, +5Vsb @ 0.1 A
UL/TUV/CB/CCC
100,000 hours @ 25° C
ACP-2000 / IPC-602
Accessories
Part Number
Description
1701400652
HDD cable, ATA 66/100, 45 cm + 20 cm
1750000257
2U-high P4 Socket 478 CPU cooler up to 3.2 GHz (89 W)
1750000432
Low profile P4 CPU cooler up to 2.8 GHz
(0.13 micron 70 W)
96CD-52X-I-AS-B3
Black 5.25" 52X CD-ROM
96DVR-40X-I-AS-B
Black 5.25" 16X/40X/24X DVDRW-ROM
96FDD-144-TE-B1
Black 3.5" FDD
SCD-COMBOE
Black 5.25" compact storage kit with slim 24X CD-ROM and a
3.5" drive bay for FDD or HDD
SDVD-COMBOE
Black 5.25" compact storage kit with slim 8X DVD + 24X CD-RW
and a 3.5" drive bay for HDD/FDD
SCD-FDD-COMBOE
Black 5.25" storage kit with slim 24X CD-ROM and standard 3.5"
black FDD
SDVD-FDD-COMBOE
Black 5.25" storage kit with slim 8X DVD + 24X
CD-RW and standard 3.5" FDD
199902K000
Door filter 156 x 45 x 5 mm
1990001949
Fan filter 165 x 58 mm
Ordering Information
Part Number
Power Supply
Backplane
Regulation
PICMG 1.0
ACP-2000P3-00XE
Without power supply,
with ATX switch
989K610621E (PCA-6106P3V)
-
ACP-2000P3-30ZE
PS-300ATX-ZBE
CE
ACP-2000P4-00XE
Without power supply,
with ATX switch
989K610510E (PCA-6105P4V)
-
ACP-2000P4-30ZE
PS-300ATX-ZBE
CE
IPC-602P3-00XBE
Without power supply,
with ATX switch
989K610621E (PCA-6106P3V)
-
IPC-602P3-25ZBE
PS-250ATX-ZE
CE
IPC-602P3-30ZBE
PS-300ATX-ZBE
CE
IPC-602P4-00XBE
Without power supply,
with ATX switch
989K610510E (PCA-6105P4V)
-
IPC-602P4-25ZBE
PS-250ATX-ZE
CE
IPC-602P4-30ZBE
PS-300ATX-ZBE
CE
PICMG 1.3
ACP-2000EBP-00XE
Without power supply,
wih ATX switch
-
-
ACP-2000EBP-30ZE
PS-300ATX-ZBE
-
CE
IPC-602EBP-00XBE
Without power supply,
with ATX switch
-
-
IPC-602EBP-30ZBE
PS-300ATX-ZBE
-
CE
ACP-2000
IPC-602
88.0 [3.47]
44.4 [1.75]
92.0
[3.62]
92.0
[3.62]
92.0
[3.62]
92.0
[3.62]
61.2
[2.41]
450.6 [17.75]
490.6 [19.33]
POWER
SUPPLY
POWER
SUPPLY
88.0 [3.47]
44.4 [1.75]
92.0
[3.62]
92.0
[3.62]
92.0
[3.62]
92.0
[3.62]
61.0
[2.40]
490.6 [19.33]
450.6 [17.75]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com