Electronic Components Datasheet Search
  English  ▼

X  

1008LS Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1008LS
Description  Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1008LS Datasheet(HTML) 1 Page - Coilcraft lnc.

  1008LS Datasheet HTML 1Page - Coilcraft lnc. 1008LS Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Chip Inductors–1008LS Series (2520)
Document 103-1
Document 103-1
Revised 12/14/09
Inductance2
Percent
SRF min4
DCR max5
Irms6
Part number1
(µH)
tolerance
Q min3
(MHz)
(Ohms)
(mA)
1008LS-102XJL_
1.0 @ 7.9 MHz
5
48 @ 50 MHz
230
0.62
700
1008LS-122XJL_
1.2 @ 7.9 MHz
5
37 @ 50 MHz
210
0.68
650
1008LS-152XJL_
1.5 @ 7.9 MHz
5
37 @ 50 MHz
190
0.76
630
1008LS-182XJL_
1.8 @ 7.9 MHz
5
37 @ 50 MHz
170
0.84
600
1008LS-222XJL_
2.2 @ 7.9 MHz
5
37 @ 50 MHz
150
1.10
520
1008LS-272XJL_
2.7 @ 7.9 MHz
5
37 @ 50 MHz
135
1.28
490
1008LS-332XJL_
3.3 @ 7.9 MHz
5
37 @ 50 MHz
120
1.46
450
1008LS-392XJL_
3.9 @ 7.9 MHz
5
37 @ 7.9 MHz
105
1.56
420
1008LS-432XJL_
4.3 @ 7.9 MHz
5
30 @ 7.9 MHz
85
1.70
400
1008LS-472XJL_
4.7 @ 7.9 MHz
5
32 @ 7.9 MHz
90
1.68
400
1008LS-502XJL_
5.0 @ 7.9 MHz
5
25 @ 7.9 MHz
30
2.20
360
1008LS-562XJL_
5.6 @ 7.9 MHz
5
37 @ 7.9 MHz
80
1.82
380
1008LS-622XJL_
6.2 @ 7.9 MHz
5
32 @ 7.9 MHz
75
2.50
330
1008LS-682XJL_
6.8 @ 7.9 MHz
5
37 @ 7.9 MHz
70
2.00
360
1008LS-822XJL_
8.2 @ 7.9 MHz
5
37 @ 7.9 MHz
65
2.65
330
1008LS-912XJL_
9.1 @ 7.9 MHz
5
37 @ 7.9 MHz
57
2.90
310
1008LS-103XJL_
10 @ 7.9 MHz
5
37 @ 7.9 MHz
60
2.95
300
1008LS-123XJL_
12 @ 2.5 MHz
5
28 @ 2.5 MHz
38
3.30
290
1008LS-153XJL_
15 @ 2.5 MHz
5
34 @ 2.5 MHz
30
3.70
280
1008LS-183XJL_
18 @ 2.5 MHz
5
28 @ 2.5 MHz
26
4.00
160
1008LS-223XJL_
22 @ 2.5 MHz
5
20 @ 2.5 MHz
22
6.14
270
1008LS-273XJL_
27 @ 2.5 MHz
5
24 @ 2.5 MHz
12
6.45
210
1008LS-333XJL_
33 @ 2.5 MHz
5
22 @ 2.5 MHz
19
7.00
200
1008LS-393XJL_
39 @ 2.5 MHz
5
33 @ 2.5 MHz
26
10.0
170
1008LS-473XJL_
47 @ 2.5 MHz
5
20 @ 2.5 MHz
12
10.7
160
1008LS-563XJL_
56 @ 2.5 MHz
5
20 @ 2.5 MHz
8.0
10.0
170
1008LS-683XJL_
68 @ 0.79 MHz
5
14 @ 0.79 MHz
5.7
13.5
145
1008LS-104XJL_
100 @ 0.79 MHz
5
13 @ 0.79 MHz
4.5
20.5
120
1. When ordering, please specify termination and packaging codes:
1008LS-103XJ
LC
Termination: L = RoHS compliant silver-palladium-platinum-glass frit
Special order, added cost: T = RoHS tin-silver-copper
(95.5/4/0.5) or S = non-RoHS tin-lead (63/37)
Packaging:
C=7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 parts per full reel).
B= Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D=13
″ machine-ready reel. EIA-481 embossed plastic tape.
Factory order only, not stocked (7500 parts per full reel).
2. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/
HP 4286A impedance analyzer with Coilcraft-provided correlation pieces.
3. Q measured using an Agilent/HP 4291A with an Agilent/HP 16193 test
fixture.
4. SRF measured using an Agilent/HP 8753D network analyzer with a
Coilcraft SMD-D fixture.
5. DCR measured on a Cambridge Technology Micro-ohmmeter.
6. Current that causes a 15°C temperature rise from 25°C. Because of
their open construction, these parts will not saturate.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
For part marking data see Color Coding section.
• Lower DCR than other 1008 inductors
• Ferrite construction for high current handling
• Inductance values: 1.0 – 100 µH
Designer’s Kit C336 contains 10 of each stocked value
Core material Ceramic/Ferrite
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 38.3 – 41.0 mg
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+100°C with derated current
Storage temperature Component: –40°C to +100°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +100 to +350 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000/7
″ reel; 7500/13″ reel. Plastic tape: 8 mm wide,
0.3 mm thick, 4 mm pocket spacing, 2.0 mm pocket depth
PCB washing Only pure water or alcohol recommended
Request free evaluation samples by contacting Coilcraft
or visiting www.coilcraft.com.


Similar Part No. - 1008LS

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1008LS COILCRAFT-1008LS Datasheet
100Kb / 1P
Designer’s Kits
1008LS-102XJL COILCRAFT-1008LS-102XJL Datasheet
100Kb / 2P
Chip Inductors -1008LS (2520)
1008LS-102XJL COILCRAFT-1008LS-102XJL Datasheet
100Kb / 2P
Chip Inductors ??1008LS
1008LS-102XJL COILCRAFT-1008LS-102XJL Datasheet
100Kb / 2P
Chip Inductors ??1008LS
1008LS-102XJL COILCRAFT-1008LS-102XJL Datasheet
100Kb / 2P
Chip Inductors ??1008LS
More results

Similar Description - 1008LS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
Fixed Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
Inductors Chip Inductors
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
Fixed Inductors (Chip Inductors)
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
CHIP COIL(CHIP INDUCTORS) Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com