Electronic Components Datasheet Search
  English  ▼

X  

1812CS Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 1812CS
Description  Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1812CS Datasheet(HTML) 2 Page - Coilcraft lnc.

  1812CS Datasheet HTML 1Page - Coilcraft lnc. 1812CS Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
Chip Inductors – 1812CS Series (4532)
Specifications subject to change without notice.
Please check our website for latest information.
Document 105-2
Document 105-2
Revised 04/16/09
Typical Q vs Frequency
Typical L vs Frequency
I
I
J
H
A
B
overall
F
G
E
terminal
F
C
D
Terminal wraparound:
approx 0.015/0,38 both ends
Recommended
Land Pattern
ABCD
max
max
max
ref
E
F
G
H
I
J
0.195 0.150 0.135 0.070 0.100 0.025 0.128 0.120 0.045 0.118 inches
4,95
3,81
3,43
1,78
2,54
0,64
3,25
3,05
1,14
3,00 mm
0
10
20
30
40
110
1000
100
Frequency (MHz)
1.8 µH
8.2 µH
3.9 µH
15.0 µH
22.0 µH
33.0 µH
80
70
60
50
40
30
20
10
0
1
10
100
Frequency (MHz)
1.8 µH
3.9 µH
8.2 µH
15.0 µH
22.0 µH
33.0 µH
-40
-20
0
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Irms Derating



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com