Electronic Components Datasheet Search
  English  ▼

X  

1812FS Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1812FS
Description  Filter Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1812FS Datasheet(HTML) 1 Page - Coilcraft lnc.

  1812FS Datasheet HTML 1Page - Coilcraft lnc. 1812FS Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Filter Inductors–1812FS Series
Document 254-1
Document 254-1
Revised 10/06/08
DCR5
SRF6
L2
%3
Q4
max
typ
Isat7
Irms8
Part number1
(µH)
tol
min (Ohms) (MHz) (mA)
(mA)
1812FS-102_L_
1.0
10,5
30
0.070
320
3100
2950
1812FS-122_L_
1.2
10,5
35
0.110
280
2800
2600
1812FS-152_L_
1.5
10,5
20
0.105
200
2100
2850
1812FS-222_L_
2.2
10,5
30
0.120
175
1800
2700
1812FS-242_L_
2.4
10,5
25
0.175
160
1900
2050
1812FS-272_L_
2.7
10,5
30
0.200
165
1400
2100
1812FS-332_L_
3.3
10,5
33
0.185
160
1400
1900
1812FS-392_L_
3.9
10,5
32
0.195
145
1300
1700
1812FS-472_L_
4.7
10,5
28
0.15
125
1000
1800
1812FS-562_L_
5.6
10,5
35
0.40
110
1000
1650
1812FS-682_L_
6.8
10,5
35
0.35
110
850
1450
1812FS-103_L_
10
10,5
35
0.55
90
710
1400
1812FS-153_L_
15
10,5
40
0.75
75
680
1150
1812FS-223_L_
22
10,5
45
0.85
15
600
855
1812FS-333_L_
33
10,5
45
1.1
10
540
820
1812FS-393_L_
39
10,5
45
1.1
9.8
500
710
1812FS-473_L_
47
10,5
45
1.2
8.0
390
645
1812FS-683_L_
68
10,5
45
1.8
22.0
260
650
1812FS-104_L_
100
10,5
45
2.5
4.5
260
520
1812FS-154_L_
150
10,5
40
3.8
3.4
220
475
1812FS-224_L_
220
10,5
45
5.4
3.0
180
390
1812FS-274_L_
270
10,5
35
6.5
2.0
150
350
1812FS-334_L_
330
10,5
45
6.8
3.0
150
310
1812FS-394_L_
390
10,5
35
7.6
2.6
140
310
1812FS-474_L_
470
10,5
35
8.7
2.1
130
280
1812FS-564_L_
560
10,5
20
11.2
1.60
110
280
1812FS-684_L_
680
10,5
25
12.7
1.90
100
250
1812FS-824_L_
820
10,5
25
16.8
1.45
90
210
1812FS-105_L_ 1000
10,5
30
19.5
1.68
90
160
1. When ordering, specify tolerance, termination and packaging codes:
1812FS-105
JLC
Tolerance:
J =5%
K = 10%
(Table shows stock tolerances in bold.)
Termination: L = Silver-palladium-platinum-glass frit terminations
Special order: T = RoHS tin-silver-copper (95.5/4/0.5)
or S = non-RoHS tin-lead (63/37).
Packaging:
C =7
″ machine-ready reel. EIA-481 embossed plastic
tape (600 parts per full reel).
B = Less than full reel. On tape, but not machine ready.
To have a leader and a trailer added ($25 charge),
use code letter C instead.
D =13
″ machine-ready reel. EIA-481 embossed plastic
tape (2200 parts per full reel).
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc using a Coilcraft
SMD-A fixture in an Agilent/HP 4263B impedance analyzer.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured at 1 MHz on an Agilent/HP 4291A with an Agilent/HP 16193
test fixture.
5. DCR measured on a micro-ohmmeter and a Coilcraft CCF840 test
fixture.
6. SRF measured using an Agilent/HP 8753D network analyzer and a
Coilcraft SMD-D test fixture.
7. DC current at which the inductance drops 10% (typ) from its value
without current.
8. Current that causes a 40°C temperature rise from 25°C ambient.
9. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
• Magnetically shielded chip inductors
• Provides high performance in transmit and receive filters
• 29 inductance values from 1.0 – 1000 µH
Core material Ceramic/Ferrite
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 0.33 – 0.36 g
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +200 to +700 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 600/7
″ reel; 2200/13″ reel. Plastic tape: 12 mm wide,
0.25 mm thick, 8 mm pocket spacing, 3.9 mm pocket depth
PCB washing Only pure water or alcohol recommended


Similar Part No. - 1812FS

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1812FS COILCRAFT-1812FS Datasheet
210Kb / 2P
Filter Inductors
1812FS-102JLC COILCRAFT-1812FS-102JLC Datasheet
194Kb / 2P
Filter Inductors - 1812FS Series
1812FS-102_L COILCRAFT-1812FS-102_L Datasheet
210Kb / 2P
Filter Inductors
1812FS-103KLD COILCRAFT-1812FS-103KLD Datasheet
194Kb / 2P
Filter Inductors - 1812FS Series
1812FS-103_L COILCRAFT-1812FS-103_L Datasheet
210Kb / 2P
Filter Inductors
More results

Similar Description - 1812FS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHM-2 VISHAY-IHM-2_06 Datasheet
236Kb / 2P
Filter Inductors
30-Jan-06
TE_TD VISHAY-TE_TD Datasheet
104Kb / 6P
Filter Inductors
02-Jun-06
IH-15 VISHAY-IH-15_06 Datasheet
157Kb / 2P
Filter Inductors
27-Feb-06
IHA VISHAY-IHA Datasheet
294Kb / 2P
Filter Inductors
18-Apr-06
IHB VISHAY-IHB Datasheet
354Kb / 5P
Filter Inductors
27-Feb-06
IHD VISHAY-IHD Datasheet
221Kb / 3P
Filter Inductors
27-Feb-06
logo
XFMRS Inc.
XF1006DR XFMRS-XF1006DR Datasheet
35Kb / 1P
FILTER INDUCTORS
XF0106DR XFMRS-XF0106DR Datasheet
34Kb / 1P
FILTER INDUCTORS
logo
API Technologies Corp
7191-7194 APITECH-7191-7194 Datasheet
412Kb / 1P
Filter Inductors
logo
Coilcraft lnc.
1812FS COILCRAFT-1812FS_18 Datasheet
210Kb / 2P
Filter Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com