Electronic Components Datasheet Search
  English  ▼

X  

B32356 Datasheet(PDF) 5 Page - EPCOS

Part # B32356
Description  Film capacitors - AC capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32356 Datasheet(HTML) 5 Page - EPCOS

  B32356 Datasheet HTML 1Page - EPCOS B32356 Datasheet HTML 2Page - EPCOS B32356 Datasheet HTML 3Page - EPCOS B32356 Datasheet HTML 4Page - EPCOS B32356 Datasheet HTML 5Page - EPCOS B32356 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Film capacitors – AC capacitors
Motor run capacitors
B32356 – MotorCap P2 Compact
FK PC PM AC
June 2009
Please read the important notes,
Page 5 of 66666666
cautions and warnings.
Ordering codes and packing units
VR
V AC
CR
µF
Max. dimensions
d × l
mm
Ordering code
(composition see below)
Packing units
pcs.
400 / 450
2.0
25 × 50
B32356B4205J0*#
112
2.5
25 × 50
B32356B4255J0*#
112
3.0
25 × 50
B32356B4305J0*#
112
3.5
30 × 56
B32356B4355J0*#
112
4.0
30 × 56
B32356B4405J0*#
112
5.0
30 × 56
B32356B4505J0*#
112
6.0
30 × 62
B32356B4605J0*#
84
7.0
35 × 56
B32356B4705J0*#
84
7.5
35 × 62
B32356B4755J0*#
84
8.0
35 × 62
B32356B4805J0*#
84
9.0
35 × 71
B32356B4905J0*#
84
10
35 × 71
B32356B4106J0*#
84
11
40 × 72
B32356B4116J0*#
60
12
35 × 96
B32356B4126J1*#
84
12
40 × 72
B32356B4126J0*#
60
13
40 × 72
B32356B4136J0*#
60
15
45 × 72
B32356B4156J0*#
60
18
50 × 96
B32356B4186J0*#
32
20
50 × 96
B32356B4206J0*#
32
Composition of ordering code:
*: construction
1
plastic can
3
plastic can with M8 bolt
5
plastic can with fast fixation device available for diameters 30 mm, 32 mm and 35 mm,
others on request
#: cable length (dimension ‘B’ in drawing)
2
200 mm
3
300 mm
U Please read “Applications warning, installation and maintenance instructions” and the “General Safety Data Sheet for Power
Capacitors” issued by ZVEI, which are available on the internet at www.epcos.com/ac_capacitors, to ensure optimum performance and to
prevent products from failing, and in worst case, bursting and fire. Information given in the data sheet reflects typical specifications. You are
kindly requested to approve our product specifications or request our approval for your specification before ordering.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com