Electronic Components Datasheet Search
  English  ▼

X  

B41112 Datasheet(PDF) 2 Page - EPCOS

Part # B41112
Description  Aluminum electrolytic capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41112 Datasheet(HTML) 2 Page - EPCOS

  B41112 Datasheet HTML 1Page - EPCOS B41112 Datasheet HTML 2Page - EPCOS B41112 Datasheet HTML 3Page - EPCOS B41112 Datasheet HTML 4Page - EPCOS B41112 Datasheet HTML 5Page - EPCOS B41112 Datasheet HTML 6Page - EPCOS B41112 Datasheet HTML 7Page - EPCOS B41112 Datasheet HTML 8Page - EPCOS B41112 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
General-purpose grade capacitors
Applications
General-purpose applications in the entertainment industry
Features
Miniaturized dimensions
RoHS compatible
Load life of 2000 h at 85
°C
Suitable for reflow soldering, see chapter "SMD capacitors -
Mounting instructions"
Construction
Surface mounting device
Minus pole marking on the case
Delivery mode
Taped and reeledRefer to chapter "SMD capacitors - Taping
and packing" for further details.
Specifications and characteristics in brief
Rated voltage VR
4 ... 100 V DC
Operating temperature range
40
°C ... +85 °C
Rated capacitance CR
(20
°C, 120 Hz)
0.1 ... 1500
µF
Capacitance tolerance
±20%
M
Load life
(85
°C, V
R)
2000 h
Requirements:
∆C/C
≤ ±20% of initial value
(4 V: within
±25% of initial value)
tan
δ
≤ 2 times initial specified limit
Ileak
≤ initial specified limit
Leakage current Ileak
(20
°C, after 2 minutes)
Low temperature stability
(impedance ratio)
(120 Hz)
VR (V DC)
4 6.3
10
16
25
35
50
63 100
<
∅8
7
4
3
2
2
2
2
2
2
≥∅8
7
5
4
3
2
2
2
2
2
<
∅8
15
8
8
4
4
3
3
3
3
≥∅8
15
10
8
6
4
3
3
3
3
Shelf life
After storage for 1000 h at 85
°C, the capacitors shall meet the
requirement of load life test after reforming process. After test: VR
to be applied for 30 minutes, 24 to 48 hours before measurement.
Frequency multiplier
for rated ripple current
50 Hz
120 Hz
300 Hz
1 kHz
≥10 kHz
0.70
1.00
1.17
1.36
1.50
SMD capacitors
B41112
Standard series
85
°C
Page 2 of 17
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com