Electronic Components Datasheet Search
  English  ▼

X  

1812LS Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1812LS
Description  Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1812LS Datasheet(HTML) 1 Page - Coilcraft lnc.

  1812LS Datasheet HTML 1Page - Coilcraft lnc. 1812LS Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Chip Inductors–1812LS Series (4532)
Document 106-1
Document 106-1
Revised 10/06/08
Inductance2
Percent
Q
Test freq
SRF typ4
DCR max5
Irms6
Part number1
(µH)
tolerance
min3
(MHz)
(MHz)
(Ohms)
(mA)
1812LS-123XJL_
12
5
42
2.5
85
2.0
310
1812LS-153XJL_
15
5
42
2.5
70
2.5
290
1812LS-183XJL_
18
5
45
2.5
52
2.8
270
1812LS-223XJL_
22
5
45
2.5
58
3.2
260
1812LS-273XJL_
27
5
45
2.5
46
3.6
240
1812LS-333XJL_
33
5
45
2.5
40
4.0
230
1812LS-393XJL_
39
5
45
2.5
30
4.5
210
1812LS-473XJL_
47
5
42
2.5
24
5.0
200
1812LS-563XJL_
56
5
42
2.5
20
5.5
190
1812LS-683XJL_
68
5
40
2.5
16
6.0
180
1812LS-823XJL_
82
5
40
2.5
13.5
7.0
170
1812LS-104XJL_
100
5
40
2.5
12.0
8.0
150
1812LS-124XJL_
120
5
33
0.79
14.5
11.5
135
1812LS-154XJL_
150
5
36
0.79
11.5
13.0
125
1812LS-184XJL_
180
5
36
0.79
9.3
14.2
120
1812LS-224XJL_
220
5
38
0.79
7.6
16.2
115
1812LS-274XJL_
270
5
38
0.79
8.3
20.5
105
1812LS-334XJL_
330
5
38
0.79
7.0
22.5
100
1812LS-394XJL_
390
5
38
0.79
5.2
24.5
90
1812LS-474XJL_
470
5
38
0.79
4.4
26.5
85
1812LS-564XJL_
560
5
33
0.79
2.8
28.5
75
1812LS-684XJL_
680
5
33
0.79
2.3
38.0
60
1812LS-824XJL_
820
5
30
0.79
2.1
41.0
55
1812LS-105XJL_
1000
5
30
0.79
1.9
44.0
50
1. When ordering, please specify termination and packaging codes:
1812LS-105XJ
LC
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging:
C =7
″ machine-ready reel. EIA-481 embossed plastic
tape (600 per full reel).
B = Less than full reel. In tape, but not machine-ready.
To have a leader and trailer added ($25 charge), use
code letter C instead.
D =13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (2200 per full
reel).
2. Inductance at 2.5 MHz measured using an Agilent/HP 4286A and a
Coilcraft SMD-A fixture with Coilcraft-provided correlation pieces.
Inductance at 0.79 MHz measured using an Agilent/HP 4192A and
Coilcraft SMD-B test fixture.
3. Q read at test frequency directly on an Agilent/HP 4192A LF impedance
analyzer and a Coilcraft SMD-B test fixture.
4. SRF measured using an Agilent/HP 8753D network analyzer and a
Coilcraft SMD-D test fixture.
5. DCR measured on a Cambridge Technology micro-ohmmeter.
6. Current that causes a 15°C temperature rise from 25°C ambient.
Because of their open construction, these parts will not saturate.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
See Color Coding section for part marking data.
• Highest inductance values of all our chip inductors
• Ferrite construction for high current handling
• Inductance values: 12 – 1000 µH
Request free evaluation samples by contacting Coilcraft or
visiting www.coilcraft.com.


Similar Part No. - 1812LS

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1812LS COILCRAFT-1812LS Datasheet
100Kb / 1P
Designer’s Kits
1812LS-104XJLB COILCRAFT-1812LS-104XJLB Datasheet
108Kb / 2P
Chip Inductors - 1812LS Series (4532)
1812LS-104XJLC COILCRAFT-1812LS-104XJLC Datasheet
108Kb / 2P
Chip Inductors - 1812LS Series (4532)
1812LS-104XJLD COILCRAFT-1812LS-104XJLD Datasheet
177Kb / 2P
Chip Inductors 1812LS Series
1812LS-104XJLD COILCRAFT-1812LS-104XJLD Datasheet
125Kb / 2P
Chip Inductors - 1812LS Series (4532)
More results

Similar Description - 1812LS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
Fixed Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
Inductors Chip Inductors
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
Fixed Inductors (Chip Inductors)
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
CHIP COIL(CHIP INDUCTORS) Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com