Electronic Components Datasheet Search
  English  ▼

X  

B41554 Datasheet(PDF) 4 Page - EPCOS

Part # B41554
Description  Aluminum electrolytic capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41554 Datasheet(HTML) 4 Page - EPCOS

  B41554 Datasheet HTML 1Page - EPCOS B41554 Datasheet HTML 2Page - EPCOS B41554 Datasheet HTML 3Page - EPCOS B41554 Datasheet HTML 4Page - EPCOS B41554 Datasheet HTML 5Page - EPCOS B41554 Datasheet HTML 6Page - EPCOS B41554 Datasheet HTML 7Page - EPCOS B41554 Datasheet HTML 8Page - EPCOS B41554 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Dimensional drawings
d = 35.7 mm
d
≥ 51.6 mm
Positive pole marking: +
Dimensions and weights
Ter-
minal
Dimensions (mm) with insulating sleeve
Approx.
weight (g)
d
l
±1
l1
±1
d2 max.
a +0.2/ 0.4
M5
35.7 +0/ 0.8
55.7
62.0
8.2
12.7
65
M5
35.7 +0/ 0.8
80.7
87.0
8.2
12.7
105
M5
35.7 +0/ 0.8
105.7
112.0
8.2
12.7
135
M5
51.6 +0/ 0.8
80.7
87.0
8.2
22.2
220
M5
64.3 +0/ 0.8
105.7
112.0
8.2
28.5
440
M5
76.9 +0/ 0.7
105.7
112.0
8.2
31.7
620
M5
76.9 +0/ 0.7
143.2
149.5
8.2
31.7
840
B41554
SIKOREL
125
°C
Page 4 of 17
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com