Electronic Components Datasheet Search
  English  ▼

X  

B41605 Datasheet(PDF) 7 Page - EPCOS

Part # B41605
Description  Aluminum electrolytic capacitors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41605 Datasheet(HTML) 7 Page - EPCOS

Back Button B41605 Datasheet HTML 3Page - EPCOS B41605 Datasheet HTML 4Page - EPCOS B41605 Datasheet HTML 5Page - EPCOS B41605 Datasheet HTML 6Page - EPCOS B41605 Datasheet HTML 7Page - EPCOS B41605 Datasheet HTML 8Page - EPCOS B41605 Datasheet HTML 9Page - EPCOS B41605 Datasheet HTML 10Page - EPCOS B41605 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Case dimensions and ordering codes
VR
V DC
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
Ordering code
Snap-in version with
3 terminals
Ordering code
Version with wired
terminals
Ordering code
Up to 40 g vibration
stability version with
wired terminals
25
6800
22
× 40
B41605B5688M002 B41605B5688M008 B41605B5688M009
9000
25
× 40
B41605A5908M002 B41605A5908M008 B41605A5908M009
12000
25
× 50
B41605A5129M002 B41605A5129M008 B41605A5129M009
18000
30
× 50
B41605A5189M002 B41605A5189M008 B41605A5189M009
27000
35
× 50
B41605A5279M002 B41605A5279M008 B41605A5279M009
40
3900
22
× 40
B41605A7398M002 B41605A7398M008 B41605A7398M009
5100
25
× 40
B41605A7518M002 B41605A7518M008 B41605A7518M009
6800
25
× 50
B41605A7688M002 B41605A7688M008 B41605A7688M009
10000
30
× 50
B41605A7109M002 B41605A7109M008 B41605A7109M009
15000
35
× 50
B41605A7159M002 B41605A7159M008 B41605A7159M009
55
2500
22
× 40
B41605A0258M002 B41605A0258M008 B41605A0258M009
3300
25
× 40
B41605A0338M002 B41605A0338M008 B41605A0338M009
4700
25
× 50
B41605A0478M002 B41605A0478M008 B41605A0478M009
6800
30
× 50
B41605A0688M002 B41605A0688M008 B41605A0688M009
10000
35
× 50
B41605A0109M002 B41605A0109M008 B41605A0109M009
63
2000
22
× 40
B41605A8208M002 B41605A8208M008 B41605A8208M009
2700
25
× 40
B41605B8278M002 B41605B8278M008 B41605B8278M009
3900
25
× 50
B41605A8398M002 B41605A8398M008 B41605A8398M009
5600
30
× 50
B41605B8568M002 B41605B8568M008 B41605B8568M009
8100
35
× 50
B41605A8818M002 B41605A8818M008 B41605A8818M009
B41605
Automotive
compact
Page 7 of 17
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com