Electronic Components Datasheet Search
  English  ▼

X  

B43508 Datasheet(PDF) 12 Page - EPCOS

Part # B43508
Description  Aluminum electrolytic capacitors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43508 Datasheet(HTML) 12 Page - EPCOS

Back Button B43508 Datasheet HTML 8Page - EPCOS B43508 Datasheet HTML 9Page - EPCOS B43508 Datasheet HTML 10Page - EPCOS B43508 Datasheet HTML 11Page - EPCOS B43508 Datasheet HTML 12Page - EPCOS B43508 Datasheet HTML 13Page - EPCOS B43508 Datasheet HTML 14Page - EPCOS B43508 Datasheet HTML 15Page - EPCOS B43508 Datasheet HTML 16Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
4) 120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Ω
Zmax
10 kHz
20
°C
m
Ω
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R4)
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 450 V DC
82
22
× 25
1500
2100
1.58
1.18
0.58
B43508A5826M0*#
100
22
× 30
1230
1730
1.82
1.36
0.67
B43508A5107M0*#
100
25
× 25
1230
1730
1.82
1.36
0.67
B43508B5107M0*#
120
22
× 35
1020
1440
2.07
1.54
0.76
B43508A5127M0*#
120
25
× 30
1020
1440
2.08
1.55
0.77
B43508B5127M0*#
150
22
× 40
820
1150
2.38
1.78
0.88
B43508A5157M0*#
150
25
× 30
820
1150
2.33
1.74
0.86
B43508B5157M0*#
150
30
× 25
820
1150
2.39
1.79
0.88
B43508C5157M0*#
180
22
× 45
680
960
2.68
2.01
0.99
B43508A5187M0*#
180
25
× 35
680
960
2.64
1.97
0.97
B43508B5187M0*#
180
30
× 30
680
960
2.73
2.04
1.01
B43508C5187M0*#
220
22
× 50
560
790
3.04
2.27
1.12
B43508A5227M0*#
220
25
× 40
560
790
3.01
2.25
1.11
B43508B5227M0*#
220
30
× 30
560
790
3.02
2.26
1.11
B43508C5227M0*#
220
35
× 25
560
790
2.89
2.16
1.07
B43508D5227M0*#
270
25
× 50
460
640
3.51
2.63
1.30
B43508A5277M0*#
270
30
× 35
460
640
3.47
2.59
1.28
B43508B5277M0*#
270
35
× 30
460
640
3.55
2.65
1.31
B43508C5277M0*#
330
25
× 55
370
530
3.97
2.97
1.47
B43508A5337M0*#
330
30
× 40
370
530
4.21
3.15
1.56
B43508B5337M0*#
330
35
× 35
370
530
4.06
3.04
1.50
B43508C5337M0*#
390
30
× 45
320
450
4.71
3.52
1.74
B43508A5397M0*#
390
35
× 35
320
450
4.42
3.30
1.63
B43508B5397M0*#
470
30
× 55
260
370
5.42
4.05
2.00
B43508A5477M0*#
470
35
× 40
260
370
5.00
3.74
1.85
B43508B5477M0*#
560
35
× 45
220
310
5.62
4.20
2.08
B43508A5567M0*#
680
35
× 55
180
260
6.50
4.86
2.40
B43508A5687M0*#
B43508
Ultra compact
105
°C
Page 12 of 20
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com