Electronic Components Datasheet Search
  English  ▼

X  

TS6121AM Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # TS6121AM
Description  10/100 BASE PULSE TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS6121AM Datasheet(HTML) 1 Page - Bothhand USA, LP.

  TS6121AM Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: TS6121AM DATA SHEET
BOTHHAND
ENTERPRISE INC.
USA: TEL 978 887 8050 Taiwan: 886-3-2122268 Fax: 886-2-2122258
Web: http:// www.bothhand.com
A0(03/03)
Feature
!
Designed to meet IEEE 802.3u requirement, including
350uH OCL with 8mA bias.
!
Operating temperature range:-40℃to +85℃.
!
Storage temperature range:-40℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
DCR
(Ω Max)
Part
Number
1-3:16-14
6-8:11-9
OCL (uH Min)
@ 100KHz/0.1V with 8mA Bias
Pins(1-3 / 6-8)
Cw/w
(pF Max)
L.L
(uH Max)
1-3/6-8
16-14/11-9
HI-POT
(Vrms)
TS6121AM
1CT:1CT
1CT:1CT
350
28
0.5
1.1
0.9
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
(dB Min)
Part
Number
0.3-100 MHz
0.3-30MHz 40MHz 50MHz 60-80MHz 0.3-60MHz
60-100MHz
30MHz
60MHz 100MHz
TS6121AM
-1.1
-18
-15.5
-13
-12
-45
-35
-40
-35
-30
Schematic
Mechanical
Bothhandusa.com
10/100 BASE PULSE TRANSFORMER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - TS6121AM

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS6121AMLF BOTHHAND-TS6121AMLF Datasheet
71Kb / 1P
10/100 BASE PULSE TRANSFORMER
More results

Similar Description - TS6121AM

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TN8515 BOTHHAND-TN8515 Datasheet
187Kb / 1P
10/100 BASE PULSE TRANSFORMER
TS6121A BOTHHAND-TS6121A Datasheet
190Kb / 1P
10/100 BASE PULSE TRANSFORMER
TS6121A BOTHHAND-TS6121A_1 Datasheet
260Kb / 1P
10/100 BASE PULSE TRANSFORMER
TS6121AZ BOTHHAND-TS6121AZ Datasheet
260Kb / 1P
10/100 BASE PULSE TRANSFORMER
TS6121K BOTHHAND-TS6121K_1 Datasheet
196Kb / 1P
10/100 BASE PULSE TRANSFORMER
TS6122M BOTHHAND-TS6122M Datasheet
266Kb / 2P
10/100 BASE PULSE TRANSFORMER
TS6122 BOTHHAND-TS6122 Datasheet
261Kb / 1P
10/100 BASE PULSE TRANSFORMER
TS8114LF BOTHHAND-TS8114LF Datasheet
76Kb / 1P
10 /100 BASE PULSE TRANSFORMER
TS8121KLF BOTHHAND-TS8121KLF Datasheet
79Kb / 1P
10/100 BASE PULSE TRANSFORMER
TS21AYHF BOTHHAND-TS21AYHF Datasheet
232Kb / 2P
10/100 BASE PULSE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com