Electronic Components Datasheet Search
  English  ▼

X  

B57220K Datasheet(PDF) 5 Page - EPCOS

Part # B57220K
Description  NTC thermistors for temperature measurement
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57220K Datasheet(HTML) 5 Page - EPCOS

  B57220K Datasheet HTML 1Page - EPCOS B57220K Datasheet HTML 2Page - EPCOS B57220K Datasheet HTML 3Page - EPCOS B57220K Datasheet HTML 4Page - EPCOS B57220K Datasheet HTML 5Page - EPCOS B57220K Datasheet HTML 6Page - EPCOS B57220K Datasheet HTML 7Page - EPCOS B57220K Datasheet HTML 8Page - EPCOS B57220K Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Mounting instructions
1
Soldering
1.1
Leaded NTC thermistors
Leaded thermistors comply with the solderability requirements specified by CECC.
When soldering, care must be taken that the NTC thermistors are not damaged by excessive
heat. The following maximum temperatures, maximum time spans and minimum distances have
to be observed:
Dip soldering
Iron soldering
Bath temperature
max. 260
°C
max. 360
°C
Soldering time
max. 4 s
max. 2 s
Distance from thermistor
min. 6 mm
min. 6 mm
Under more severe soldering conditions the resistance may change.
1.2
Leadless NTC thermistors
In case of NTC thermistors without leads, soldering is restricted to devices which are provided
with a solderable metallization. The temperature shock caused by the application of hot solder
may produce fine cracks in the ceramic, resulting in changes in resistance.
To prevent leaching of the metallization, solder with silver additives or with a low tin content
should be used. In addition, soldering methods should be employed which permit short soldering
times.
2
Clamp contacting
Pressure contacting by means of clamps is particularly suitable for applications involving frequent
switching and high turn-on powers.
3
Robustness of terminations (leaded types)
The leads meet the requirements of IEC 60068-2-21. They may not be bent closer than 4 mm
from the solder joint on the thermistor body or from the point at which they leave the feed-
throughs. During bending, any mechanical stress at the outlet of the leads must be removed. The
bending radius should be at least 0.75 mm.
Tensile strength:
Test Ua1:
Leads
∅ ≤0.25 mm =
1.0 N
0.25 <
∅ ≤0.35 mm =
2.5 N
0.35 <
∅ ≤0.50 mm =
5.0 N
0.50 <
∅ ≤0.80 mm = 10.0 N
0.80 <
∅ ≤1.25 mm = 20.0 N
Temperature measurement and compensation
B57220K
Leadless NTCs
K220
Page 5 of 12
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com