Electronic Components Datasheet Search
  English  ▼

X  

B58100 Datasheet(PDF) 2 Page - EPCOS

Part # B58100
Description  NTC thermistors for temperature measurement
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B58100 Datasheet(HTML) 2 Page - EPCOS

  B58100 Datasheet HTML 1Page - EPCOS B58100 Datasheet HTML 2Page - EPCOS B58100 Datasheet HTML 3Page - EPCOS B58100 Datasheet HTML 4Page - EPCOS B58100 Datasheet HTML 5Page - EPCOS B58100 Datasheet HTML 6Page - EPCOS B58100 Datasheet HTML 7Page - EPCOS B58100 Datasheet HTML 8Page - EPCOS B58100 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Applications
Surface mounted sensor for measurement of
boiler temperature
Features
Short response time due to
glass-encapsulated NTC thermistor
Fast and easy mounting
Precise fixation screw attachment
Options
Alternative resistance ratings available on
request
Alternative fast-on plug terminals 2.8 x 0.5 or
4.8 x 0.8 mm available
Delivery mode
Bulk
Dimensional drawing
Dimensions in mm
General technical data
Climatic category
(IEC 60068-1)
5/100/21
Maximum power
(at 25
°C)
P25
18
mW
Resistance tolerance
∆R
R/RR
±3
%
Rated temperature
TR
60
°C
Thermal time constant
(measured on surface)
τ
a
< 5
s
Insulation resistance
(V = 100 V DC, t = 1 s) Rins
> 10
M
Ω
Dissipation factor
(in air)
δ
th
approx. 2.1
mW/K
Test voltage
(t = 1 min)
Vtest
500
V AC
Electrical specification and ordering codes
R60
Ω
R25
Ω
No. of
R/T characteristic
B25/100
K
B0/100
K
Contact
dimensions
mm
Ordering code
2500
10151
8317
4005
±1% 3970
2.8 x 0.5
B58100A0461A000
2500
10151
8317
4005
±1% 3970
4.8 x 0.8
B58100A0463A000
Temperature measurement
B58100
Probe assemblies
F120
Page 2 of 9
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com