Electronic Components Datasheet Search
  English  ▼

X  

AL16082N7DL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # AL16082N7DL
Description  THIN FILM CHIP INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

AL16082N7DL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  AL16082N7DL Datasheet HTML 1Page - ABC Taiwan Electronics Corp AL16082N7DL Datasheet HTML 2Page - ABC Taiwan Electronics Corp AL16082N7DL Datasheet HTML 3Page - ABC Taiwan Electronics Corp AL16082N7DL Datasheet HTML 4Page - ABC Taiwan Electronics Corp AL16082N7DL Datasheet HTML 5Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
150
300
15
5.00
1.0
AL160868NJL□-□□□
68.0±5 %
1). □:Packaging Information… A:Bulk
B:Taping Reel
100.0±5 %
3). Tolerance:B:±0.1
C±0.2
D:±0.3
G:±2%
J:±5%
AR-001A
AL1608R10JL□-□□□
□
2)."-
":Reference code
□ □
15
300
1.0
7.50
100
Ⅴ﹒ELECTRICAL CHARACTERISITCS:
Inductance
( nH )
1.0±0.3
SPECIFICATION FOR APPROVAL
22.0±5 %
18.0±5 %
4.7±0.3
5.6±0.3
6.8±0.3
10.0±5 %
8.2±0.3
12.0±5 %
15.0±5 %
3.9±0.3
3.3±0.3
2.2±0.3
2.7±0.3
1.8±0.3
1.5±0.3
THIN FILM CHIP INDUCTOR
1.2±0.3
56.0±5 %
47.0±5 %
27.0±5 %
33.0±5 %
39.0±5 %
AL16082N2DL□-□□□
AL160812NJL□-□□□
AL160818NJL□-□□□
AL160822NJL□-□□□
AL160815NJL□-□□□
AL160833NJL□-□□□
AL160827NJL□-□□□
AL160847NJL□-□□□
AL160856NJL□-□□□
AL160839NJL□-□□□
AL16084N7DL□-□□□
AL16085N6DL□-□□□
AL16086N8DL□-□□□
AL16088N2DL□-□□□
AL160810NJL□-□□□
AL16083N3DL□-□□□
AL16083N9DL□-□□□
AL16082N7DL□-□□□
DWG No.
AL16081N0DL□-□□□
AL16081N8DL□-□□□
AL16081N5DL□-□□□
AL16081N2DL□-□□□
REF : 20080424-A
NAME
PROD.
300
0.35
8.0
300
15
3.0
15
300
15
15
15
15
15
15
15
15
300
2.0
300
300
300
300
1.5
1.0
1.5
1.5
300
300
300
2.0
2.0
3.0
15
15
15
15
15
15
15
15
300
300
300
300
4.0
4.0
5.0
5.0
300
300
300
300
6.0
5.0
6.0
6.0
300
1.05
2.35
2.75
3.00
5.00
3.00
1.65
1.95
1.35
250
150
200
250
200
300
250
300
0.65
0.95
0.75
0.95
0.55
0.45
0.45
0.45
300
300
300
300
300
300
300
300
15
15
15
15
Q
min
300
13.0
300
300
300
10.0
10.0
13.0
Test Freq.
( MHz )
SRF
min
( GHz )
ABC'S DWG NO.
ABC'S ITEM NO.
Rated Current
0.35
0.35
0.35
0.35
( Ω )
max
DC Resistance
800
800
300
800
max
( mA )
AL1608□□□□L□-□□□
PAGE: 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com