Electronic Components Datasheet Search
  English  ▼

X  

B65885A Datasheet(PDF) 2 Page - EPCOS

Part # B65885A
Description  Ferrites
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65885A Datasheet(HTML) 2 Page - EPCOS

  B65885A Datasheet HTML 1Page - EPCOS B65885A Datasheet HTML 2Page - EPCOS B65885A Datasheet HTML 3Page - EPCOS B65885A Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PQ cores
B65885A
PQ 16/11.6
KA IN FER D PD
2008-04-14
Please read Cautions and warnings and
Page 2 of 4
Important notes at the end of this document.
To IEC 62317-13
Delivery mode: sets
Magnetic characteristics (per set)
Σl/A
= 0.641
mm-1
le
= 27.00
mm
Ae
= 42.10
mm2
Amin
= 38.50
mm2
Ve
= 1136
mm3
Approx. weight : 6.0 g/set
Dimensions (mm)
Ungapped
Material
AL value
1)
nH
µe
PV
W/Set
Ordering code
N87
2350 +30/-20%
1200
< 0.70 (100 kHz, 200 mT, 100 °C)
B65885A0000R087
N97
2450 +30/-20%
1250
< 0.60 (100 kHz, 200 mT, 100 °C)
B65885A0000R097
N95
2750 +30/-20%
1400
< 0.65 (100 kHz, 200 mT, 25 °C-100 °C)
< 0.80 (100 kHz, 200 mT, 120 °C)
B65885A0000R095
N92
1900 +30/-20%
970
< 0.70 (100 kHz, 200 mT, 100 °C)
B65885A0000R092
N49
1900 +30/-20%
970
< 0.40 (500 kHz, 50 mT, 100 °C)
B65885A0000R049
1) Measurement parameter: 10 kHz, 0.25 mT, 100 turns, room temperature.
AL value is measured acc. to IEC62044-2. An appropriate wringing of cores with polished surface is used to improve
reproducibility of the measurement. (It is recommended to rub the mating surfaces themselves six times in a circular or
elliptic arc that matches the core profile before measuring AL value).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com