Electronic Components Datasheet Search
  English  ▼

X  

B66303 Datasheet(PDF) 2 Page - EPCOS

Part # B66303
Description  Ferrites and accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66303 Datasheet(HTML) 2 Page - EPCOS

  B66303 Datasheet HTML 1Page - EPCOS B66303 Datasheet HTML 2Page - EPCOS B66303 Datasheet HTML 3Page - EPCOS B66303 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
■ To IEC 61246
■ For small impedance-matching
transformers in telecom applications
■ For miniature transformers, e.g. DC/DC
converters for surface mounting
■ Delivery mode: single units
Magnetic characteristics (per set)
Σl/A= 4.86 mm–1
le
= 12.6 mm
Ae
= 2.6 mm2
Amin = 2.5 mm2
Ve
= 33 mm3
Approx. weight 0.16 g/set
Ungapped
Material
AL value
nH
µ
e
Ordering code
N87
270 +30/–20%
1000
B66303G0000X187
T38
1400 +40/–30%
5190
B66303G0000X138
FEK0320-F
3,9±0,1
5,25±0,1
2 0,1
_
1,35±0,05
B66303
E 5 through E 80/38/20
Core
E 5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com