Electronic Components Datasheet Search
  English  ▼

X  

B66305 Datasheet(PDF) 6 Page - EPCOS

Part # B66305
Description  Ferrites and accessories
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66305 Datasheet(HTML) 6 Page - EPCOS

  B66305 Datasheet HTML 1Page - EPCOS B66305 Datasheet HTML 2Page - EPCOS B66305 Datasheet HTML 3Page - EPCOS B66305 Datasheet HTML 4Page - EPCOS B66305 Datasheet HTML 5Page - EPCOS B66305 Datasheet HTML 6Page - EPCOS B66305 Datasheet HTML 7Page - EPCOS B66305 Datasheet HTML 8Page - EPCOS B66305 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
SMD coil former with gullwing terminals
Material:
GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Vectra C 130 [E83005 (M)], TICONA
Solderability: to IEC 60068-2-58, test Td, method 6 (Group 3): 245 °C, 3 s
Resistance to soldering heat: to IEC 60068-2-58, test Td, method 6 (Group 3): 255 °C, 10 s
permissible soldering temperature for wire-wrap connection on coil former: 400 °C, 1 s
Winding:
see Data Book 2007, chapter “Processing notes, 2.1”
Sections
AN
mm2
lN
mm
AR value
μΩ
Terminals
Ordering code
1
13.0
27
71
10
B66306C1010T001
2
10.2
27
91
10
B66306C1010T002
FEK0291-X
1,6
7,3
20,3
2,5
Empfehlung für das
Leiterplattenlayout
3,9±0,1
0,1
8,5 _
13 0,2
_
_
19,4 0,2
13 0,2
_
0,2
8,7 _
Recommended
PCB layout
B66306
Accessories
E 13/7/4 (EF 12.6)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com