Electronic Components Datasheet Search
  English  ▼

X  

B66322 Datasheet(PDF) 2 Page - EPCOS

Part # B66322
Description  Ferrites and accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66322 Datasheet(HTML) 2 Page - EPCOS

  B66322 Datasheet HTML 1Page - EPCOS B66322 Datasheet HTML 2Page - EPCOS B66322 Datasheet HTML 3Page - EPCOS B66322 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
■ Compact E core with large winding area
■ Suitable for the design of compact battery chargers
■ Gapped cores available for flyback converters
■ Delivery mode: single units
Magnetic characteristics (per set)
Σl/A= 2.41 mm–1
le
= 26.3 mm
Ae
= 10.9 mm2
Amin = 10.4 mm2
Ve
= 287 mm3
Approx. weight 1.4 g/set
Ungapped
Material
AL value
nH
µ
e
PV
W/set
Ordering code
N27
750
±25%
1430
< 0.41 (200 mT, 100 kHz, 100 °C)
B66322G0000X127
N87
800
±25%
1530
< 0.15 (200 mT, 100 kHz, 100 °C)
B66322G0000X187
FEK0423-B
2,35±0,15
7,95±0,15
10,2±0,2
0,3
4,8 _
B66322
Core
E 10/5.5/5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com