Electronic Components Datasheet Search
  English  ▼

X  

CB60114R7ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # CB60114R7ML
Description  SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CB60114R7ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  CB60114R7ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp CB60114R7ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp CB60114R7ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp CB60114R7ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp CB60114R7ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp CB60114R7ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Ⅴ﹒
ELECTRICAL CHARACTERISTICS :
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
PROD.
NAME
SMD POWER INDUCTOR
AR-001A
1). Packing information : A : Bulk B : Taping Reel
Inductance
0.1V/100KHz
3). Irms. base on temp. rise 40
typ.
℃
CB6011100ML□-□□□
CB6011150ML□-□□□
CB60114R7ML□-□□□
CB60116R8ML□-□□□
CB60112R7ML□-□□□
CB60111R5ML□-□□□
DWG No.
0.36
10.0±20%
15.0±20%
0.55
6.8±20%
4.7±20%
0.30
0.17
2.7±20%
1.5±20%
0.12
0.09
(µH)
RDC
( Ω )
CB6011220ML□-□□□
CB6011330ML□-□□□
CB6011470ML□-□□□
22.0±20%
0.74
33.0±20%
1.25
47.0±20%
1.65
1.07
0.88
1.24
1.38
1.65
1.90
Irms.
( A )
0.73
0.57
0.50
1.07
0.88
1.24
1.55
1.80
2.50
Isat.
( A )
0.72
0.54
0.46
4). Isat. base on
L/LOA=10% max.
△
CB6011□□□□L□-□□□
SPECIFICATION FOR APPROVAL
max.
typ.
max.
□
2)."-
":Reference code
□□
REF : 20070320-A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com