Electronic Components Datasheet Search
  English  ▼

X  

CB6011470ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # CB6011470ML
Description  SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CB6011470ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  CB6011470ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp CB6011470ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp CB6011470ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp CB6011470ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp CB6011470ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp CB6011470ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Inner : Reel
( 3 ) Q'TY & G.W. Per package
Series
CB6011
1,500
330
Q'TY (pcs)
G.W. (gw)
07 - 12
178
21±0.8
G.W. (Kg)
13.2
Outer : Carton
60,000
07 - 12
Q'TY (pcs)
Style
42 x 41 x 24
Size (cm)
+0
13
12
14
-0
50
18.4
Ⅵ﹒
PACKAGING INFORMATION
Style
( 2 ) Dimensions
AB
C
∮
2.0±0.5
( 1 ) Configuration
T
Cover Tape
Embossed Carrier
Carrier tape width : D
※
CD
G
G
NT
Unit:m/m
D
REF :
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 3
PROD.
NAME
SMD POWER INDUCTOR
Start
End
User direction of feed
Components
200 m/m min.
no component
Leader
400 m/m min.
Trailer
no component
AR-001A
P:8m/m
4m/m
4 R 7
4 R 7
4 R 7
4 R 7
4 R 7
4 R 7
CB6011□□□□L□-□□□
SPECIFICATION FOR APPROVAL
20070320-A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com