Electronic Components Datasheet Search
  English  ▼

X  

ESR0403390KL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # ESR0403390KL
Description  SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ESR0403390KL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  ESR0403390KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp ESR0403390KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp ESR0403390KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp ESR0403390KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp ESR0403390KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp ESR0403390KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp ESR0403390KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4). Rated current: The DC current at which the inductance decreases to 90% of
it's initial value or when Δt=40
,whichever is lower(Ta=20)
℃℃
AR-001A
33.0±10%
39.0±10%
47.0±10%
56.0±10%
68.0±10%
( μH )
8.2±20%
6.8±20%
12.0±20%
10.0±20%
18.0±20%
27.0±20%
22.0±20%
15.0±20%
4.7±20%
1.0±20%
2.2±20%
3.3±20%
Inductance
1). □:Packaging information… A:Bulk
B:Taping Reel
SMD POWER INDUCTOR
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
SPECIFICATION FOR APPROVAL
ESR04034R7ML□-□□□
ESR0403330KL□ -□□□
ESR0403470KL□
ESR0403390KL□
ESR0403560KL□
ESR0403680KL□
2)."-
":Reference code
3). Inductance test condition :1MHz/1V
□
□ □
-□□□
-□□□
-□□□
-□□□
ESR0403150ML□
ESR0403180ML□
ESR0403270ML□
ESR0403220ML□
ESR04038R2ML□
ESR04036R8ML□
ESR0403120ML□
ESR0403100ML□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
REF :
PROD.
NAME
ESR04033R3ML□
ESR04032R2ML□
ESR04031R0ML□
DWG No.
-□□□
-□□□
-□□□
108
1.65
50
64.5
0.60
485
373.0
561
631
920
1028
449.0
505.0
736.0
822.0
0.45
0.40
0.55
0.50
142
126
197
172
309
419
351
259
192.0
237.0
322.0
270.0
106.0
93.6
146.0
127.0
0.85
0.70
0.65
0.75
1.40
1.00
1.05
1.45
20
15
13
18
16
29
25
22
28
32
36
38
41
ESR0403□□□□L□-□□□
Rated Current
max.
( mΩ )
19.3
31.8
46.9
typ.
RDC
( A )
71
86
48
2.30
2.00
2.70
ABC'S DWG NO.
ABC'S ITEM NO.
(MHz)
64
76
113
ref.
SRF
PAGE: 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com