Electronic Components Datasheet Search
  English  ▼

X  

ESR0805101KL Datasheet(PDF) 6 Page - ABC Taiwan Electronics Corp

Part # ESR0805101KL
Description  SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ESR0805101KL Datasheet(HTML) 6 Page - ABC Taiwan Electronics Corp

  ESR0805101KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp ESR0805101KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp ESR0805101KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp ESR0805101KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp ESR0805101KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp ESR0805101KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
155,
130
MW-79,
MW-28
____
Polyurechane
Polysol 155
P155, G155
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
Marking:Company name, material designation or marked designation and factory identification on package ok reel
See General Information preceding These Recognitions
AR-001A
Polysol 155p
Polysol 160
Polysol 180
Polysol 155g
Polysol P155p
Polysol 170
Polysol-N 180
PN180
P155p
P160
P180,G180
P170 or G170
Pp155,Gp155
Pg155
____
____
____
____
____
____
Nylon
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
MW-83
MW-79
MW-79
MW-82
MW-79
MW-79
MW-79
MW-75
MW-75
180
155
155
180
155
155
155
130
130
SPECIFICATION FOR APPROVAL
SMD POWER INDUCTOR
JALAN DAMAI SATU JANDA BAIK 28750 BENTONG, PAHANG
DARUL MAKMUR MALAYSIA
ELEKTRISOLA (MALAYSLA) SDN BHD
OBMW2
Mtl Dsg
Estersol 180
Magnet Wire-Comporent
Polysol-N 155
Amldester 200
E180
PN155
A200
Mark Dsg
Ⅸ﹒RELIABILITY TEST:
NAME
PROD.
REF :
October 06, 2005
____
____
OC
Nylon
(solderable)
Polyesterimide
Coating Type
Polyurechane
Polyesterimide
BC
MW-77
MW-80,
MW-74
ANSI
Typ
ABC'S ITEM NO.
ABC'S DWG NO.
180
155,
200
Class
Temp
E143312
ESR0805□□□□L□-□□□
PAGE: 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com