Electronic Components Datasheet Search
  English  ▼

X  

ESR1006150ML Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # ESR1006150ML
Description  SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ESR1006150ML Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  ESR1006150ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp ESR1006150ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp ESR1006150ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp ESR1006150ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp ESR1006150ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp ESR1006150ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp ESR1006150ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Amldester 200
200
MW-74
A200
Polyesterimide
MW-80,
MW-79,
MW-28
MW-79
MW-82
MW-79
MW-75
MW-75
MW-79
MW-83
MW-79
MW-79
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
Marking:Company name, material designation or marked designation and factory identification on package ok reel
AR-001A
See General Information preceding These Recognitions
P155, G155
P180,G180
Pp155,Gp155
P170 or G170
PN180
PN155
Polysol P155p
Polysol-N 180
Polysol 170
P155p
Polysol-N 155
Polysol 155g
Polysol 155p
Polysol 160
Polysol 180
Polysol 155
Pg155
P160
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
____
____
Nylon
____
____
____
____
Nylon
____
155
155
180
155
155,
155,
130
155
180
155
130
130
SPECIFICATION FOR APPROVAL
ANSI
MW-77
Typ
JALAN DAMAI SATU JANDA BAIK 28750 BENTONG, PAHANG
SMD POWER INDUCTOR
Magnet Wire-Comporent
DARUL MAKMUR MALAYSIA
ELEKTRISOLA (MALAYSLA) SDN BHD
Mark Dsg
Mtl Dsg
Estersol 180
E180
OBMW2
PROD.
NAME
Coating Type
October 06, 2005
Polyesterimide
BC
(solderable)
OC
____
____
ABC'S ITEM NO.
ABC'S DWG NO.
REF :
E143312
180
Class
Temp
ESR1006□□□□L□-□□□
PAGE: 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com