Electronic Components Datasheet Search
  English  ▼

X  

B82111B Datasheet(PDF) 4 Page - EPCOS

Part # B82111B
Description  Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82111B Datasheet(HTML) 4 Page - EPCOS

  B82111B Datasheet HTML 1Page - EPCOS B82111B Datasheet HTML 2Page - EPCOS B82111B Datasheet HTML 3Page - EPCOS B82111B Datasheet HTML 4Page - EPCOS B82111B Datasheet HTML 5Page - EPCOS B82111B Datasheet HTML 6Page - EPCOS B82111B Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
× = approval granted
IR
LR
µH
Rtyp
Ω
fres
MHz
Dimensions (mm)
Approx.
weight
g
Ordering code
Approvals
l1–1.5
l2–3
d1 max. d2
2
17
0.063
100
18.3
24
7.0
0.45
3.0
B82111B0000C014
×
3
8
0.025
145
18.3
24
7.0
0.63
3.0
B82111B0000C013
×
3
13
0.024
170
24.5
29
6.5
0.67
3.5
B82111B0000C019
×
3
20
0.054
125
24.5
29
6.0
0.5
3.5
B82111B0000C020
×
3
25
0.046
85
28.5
34
8.5
0.63
6.0
B82111B0000C024
×
4
6
0.017
170
18.3
24
7.5
0.75
3.0
B82111B0000C012
×
4
11
0.020
150
24.5
29
6.5
0.71
6.0
B82111B0000C018
×
4
15
0.024
120
28.5
34
8.5
0.75
7.0
B82111B0000C023
×
6
4
0.014
205
18.3
24
7.5
0.8
4.0
B82111B0000C011
×
6
6
0.010
200
24.5
29
7.0
0.95
5.0
B82111B0000C017
×
6
9
0.012
150
28.5
34
9.0
0.95
8.0
B82111B0000C022
×
9
3
0.006
220
24.5
29
7.5
1.2
5.0
B82111B0000C016
×
10
5
0.005
175
28.5
34
9.5
1.3
10.0
B82111B0000C021
×
Impedance |Z| versus frequency f
measured with impedance analyzer Agilent 4294A or S-parameter network analyzer
Agilent 8753ES, typical values at 20 °C
B82111B0000C011…C014
B82111B0000C016…C020
IND0154-3
f
Ω
Z
||
2
10
C014
10 9
10 8
Hz
7
10
10 3
10 4
10 5
10 6
B82111B
C013
C012
C011
IND0155-1
f
Ω
Z
||
2
10
C020
10 3
10 4
10 5
10 6
10 9
10 8
Hz
7
10
B82111B
C019
C018
C017
C016
B82111B
VHF chokes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com