Electronic Components Datasheet Search
  English  ▼

X  

HP1004R18ML Datasheet(PDF) 5 Page - ABC Taiwan Electronics Corp

Part # HP1004R18ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

HP1004R18ML Datasheet(HTML) 5 Page - ABC Taiwan Electronics Corp

  HP1004R18ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp HP1004R18ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp HP1004R18ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp HP1004R18ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp HP1004R18ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp HP1004R18ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Ⅷ﹒RELIABILITY TEST:
SHIELDED SMD
AR-001A
NAME
PROD.
REF : 20090825-B
SPECIFICATION FOR APPROVAL
POWER INDUCTOR
PAGE: 5
ABC'S DWG No.
ABC'S ITEM No.
More than 95% of the
Electrical oharacteristics shall
Humidity Test
Resistance test
High temp.
Solderability
Test item
( Temp. cycle )
Thermal shock test
Specification
than ±20%
not change more
terminal electrode
Shall be covered
With fresh solder.
Total : 50 cycles
Time : 1000 hours
Humidity : 90±5%
Temperature : 40±2℃
Temperature : 125±5℃
Time : 96 hours
Applied current : Per spec.
30 minutes
30 minutes
+125 ℃
Test condition
Room temp.
15 minutes
15 minutes
Room temp.
-55 ℃
Preconditioning: 150
/16Hrs±30min Dry Bake
℃
Solder temp. :245±5℃
Dip time: 5±0.5sec
Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent
Flux : Rosin
HP1004□□□□L□-□□□



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com