Electronic Components Datasheet Search
  English  ▼

X  

MS20292R2ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # MS20292R2ML
Description  MULTILAYER CHIP INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MS20292R2ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  MS20292R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp MS20292R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp MS20292R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp MS20292R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp MS20292R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp MS20292R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Temperature
+4.0
/ sec max.
℃
Rising Area
℃:
Max time above 200
70sec max.
℃:
Max time above 230
50sec max.
:℃
Peak Temp
260
max.
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
AR-001A
Flux : Rosin
Dip time : 4±1 seconds
Solder : Sn96.5 / Ag3 / Cu0.5
Solder temp. : 260±5℃
Type
F ( kgf )
time ( sec )
﹒
:℃
b
Operating temp.
-55 ---- +125
﹒
:℃
a
Storage temp.
-40 ---- +105
Ⅳ﹒:
GENERAL SPECIFICATION
﹒:
d
Solderability
MS2029
0.6
MS2022
0.8
﹒:
c
Terminal Strength
250
or equivalent
30±5
100
0
50
150
200
F
NAME
PROD.
REF :
﹒:
d
Remark
Products comply with RoHS' requirements
﹒:
b
Internal conductor
Silver or Ag / Pd
Ⅱ﹒:
SCHEMATIC DIAGRAM
﹒:
c
Terminal
Cu/Sn
﹒:
a
Body
Ferrite
Ⅲ﹒:
MATERIALS
MS2029
MS2022
Series
2.00±0.20
2.00±0.20
A
B
1.20±0.20
1.20±0.20
B
0.90±0.20
1.20±0.20
C
MULTILAYER CHIP INDUCTOR
A
D
Ⅰ﹒:
CONFIGURATION & DIMENSIONS
D
Reflow Area
/ sec max.
+2.0 ~ 4.0℃
70sec max.
100
50
Time ( seconds )
150
Preheat Area
150 ~ 200
/ 60 ~ 120sec
℃
200
250
50sec max.
230℃
-(1.0 ~ 5.0)
/ sec max.
℃
Peak Temperature:
Forced Cooling Area
260℃
a
( PCB Pattern )
0.50±0.30
0.50±0.30
D
1.0
1.0
G
c
b
Unit : m/m
1.0
1.0
1.0
1.0
HI
MS20□□□□□□L□-□□□
I
I
G
PAGE: 1
20090811-A


Similar Part No. - MS20292R2ML

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MS202 ZSELEC-MS202 Datasheet
135Kb / 2P
2.0A SCHOTTKY BARRIER DIODE
logo
Microsemi Corporation
MS2020 MICROSEMI-MS2020 Datasheet
120Kb / 2P
20 AMP SCHOTTKY OR-ING RECTIFIER
logo
EIC discrete Semiconduc...
MS20200 EIC-MS20200 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - MS20292R2ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
MULTILAYER CHIP INDUCTOR
MH10051N0DL ABC-MH10051N0DL Datasheet
101Kb / 6P
MULTILAYER CHIP INDUCTOR
MH16081N0D2 ABC-MH16081N0D2 Datasheet
153Kb / 6P
MULTILAYER CHIP INDUCTOR
MH16081N0DL ABC-MH16081N0DL Datasheet
393Kb / 5P
MULTILAYER CHIP INDUCTOR
MH20121N2DL ABC-MH20121N2DL Datasheet
106Kb / 6P
MULTILAYER CHIP INDUCTOR
MS160847NML ABC-MS160847NML Datasheet
187Kb / 6P
MULTILAYER CHIP INDUCTOR
MS326147NML ABC-MS326147NML Datasheet
211Kb / 6P
MULTILAYER CHIP INDUCTOR
logo
Socay Electornics Co., ...
SCML20122R2MTF SOCAY-SCML20122R2MTF Datasheet
211Kb / 5P
Multilayer Chip Inductor
logo
Murata Manufacturing Co...
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
MULTILAYER FERRITE CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com