Electronic Components Datasheet Search
  English  ▼

X  

AM106 Datasheet(PDF) 1 Page - Transys Electronics

Part # AM106
Description  1.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

AM106 Datasheet(HTML) 1 Page - Transys Electronics

  AM106 Datasheet HTML 1Page - Transys Electronics AM106 Datasheet HTML 2Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AM100/150 THRU AM1010/1510
1.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE
VOLTAGE - 50 to 1000 Volts CURRENT - 1.0~1.5 Amperes
FEATURES
l
Ratings to 1000V PRV
l
Surge overload rating— 30/50 amperes peak
l
Ideal for printed circuit board
l
Reliable construction utilizing molded plastic
l
Mounting position: Any
MECHANICAL DATA
Case: Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
Terminals: Lead solderable per MIL-STD-202,
Method 208
Polarity: Polarity symbols marking on body
Weight: 0.05 ounce, 1.3 grams
Available with 0.50 inch leads (P/N add suffix “S”)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, Resistive or inductive load.
For capacitive load, derate current by 20%.
AM100
AM150
AM101
AM151
AM102
AM152
AM104
AM154
AM106
AM156
AM108
AM158
AM1010
AM1510
UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Bridge input Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
AM100
1.0
Maximum Average Forward Rectified
Current at TA=50
AM150
1.5
A
AM100
30.0
Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
AM150
50.0
A
Maximum Forward Voltage Drop per Bridge
Element at 1.0A DC
1.0
V
Maximum Reverse Current at Rated TA= 25
DC Blocking Voltage per element TA=100
10.0
1.0
A
mA
I
2t Rating for fusing ( t< 8.35ms)
10
A
2S
Typical Junction capacitance per leg (Note 1) CJ
24
PF
Typical Thermal resistance per leg (Note 2) R JA
Typical Thermal resistance per leg (Note 2) R JL
36
13
/W
Operating Temperature Range TJ
-55 to +125
Storage Temperature Range TA
-55 to +150
AM


Similar Part No. - AM106

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
AM106 PANJIT-AM106 Datasheet
42Kb / 2P
1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes)
logo
Comchip Technology
AM106 COMCHIP-AM106 Datasheet
46Kb / 2P
Silicon Miniature Single-Phase Bridge
AM106-G COMCHIP-AM106-G Datasheet
54Kb / 2P
Silicon Miniature Single-Phase Bridge
logo
List of Unclassifed Man...
AM1068-1ROM ETC2-AM1068-1ROM Datasheet
66Kb / 1P
SMT Power Inductors
More results

Similar Description - AM106

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
AM100 PANJIT-AM100 Datasheet
42Kb / 2P
1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes)
AM150 PANJIT-AM150 Datasheet
41Kb / 2P
1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
W005G PANJIT-W005G Datasheet
49Kb / 2P
1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
List of Unclassifed Man...
WL005M ETC1-WL005M Datasheet
89Kb / 2P
1.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
logo
Comchip Technology
AM100-G COMCHIP-AM100-G Datasheet
54Kb / 2P
Silicon Miniature Single-Phase Bridge
logo
Pan Jit International I...
AM150 PANJIT-AM150_03 Datasheet
53Kb / 2P
1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES
W005G PANJIT-W005G_06 Datasheet
50Kb / 2P
1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes
W005M PANJIT-W005M Datasheet
430Kb / 2P
1.0 AMPERES MINIATURE SINGLE-PHASE SILICON BRIDGE
logo
New Jersey Semi-Conduct...
2KBP005M NJSEMI-2KBP005M Datasheet
119Kb / 1P
2.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
RW005M NJSEMI-RW005M Datasheet
93Kb / 1P
1.5 AMPERE FAST-RECOVERY MINIATURE SINGLE-PHASE SILICON BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com