Electronic Components Datasheet Search
  English  ▼

X  

MS1608R39ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # MS1608R39ML
Description  MULTILAYER CHIP INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MS1608R39ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  MS1608R39ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp MS1608R39ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp MS1608R39ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp MS1608R39ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp MS1608R39ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp MS1608R39ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Max time above 200℃ :70sec max.
Max time above 230℃ :50sec max.
Peak Temp:260℃ max.
50
0.30±0.20
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
d﹒Solderability:
b﹒Operating temp.:-25℃ ---- +85℃
a﹒Storage temp.:-40℃ ---- +105℃
c﹒Terminal strngth:
Ⅳ﹒GENERAL SPECIFICATION:
AR-001A
or equivalent
Dip time : 4±1 seconds
Solder : Sn96.5 / Ag3 / Cu0.5
Solder temp. : 260±5℃
Type
F ( kgf )
time ( sec )
Flux : Rosin
MS1608
0.5
F
250
30±5
100
0
50
150
200
Temperature
+4.0
/ sec max.
℃
Rising Area
d﹒Remark:Products comply with RoHS' requirements
MS1608
Series
c﹒Terminal:Cu/Sn
b﹒Internal conductor:Silver or Ag / Pd
a﹒Body:Ferrite
Ⅲ﹒MATERIALS:
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅰ﹒CONFIGURATION & DIMENSIONS:
NAME
PROD.
REF :
B
0.80±0.20
1.60±0.20
A
0.80±0.20
BC
MULTILAYER CHIP INDUCTOR
A
D
D
Peak Tem perature:
Forced Cooling Area
-(1.0 ~ 5.0)
/ sec max.
℃
260
℃
Time ( seconds )
100
150
200
70sec max.
50s ec max.
150 ~ 200
/ 60 ~ 120sec
℃
Preheat Area
Reflow Area
/ sec max.
+2.0 ~ 4.0℃
250
230
℃
(PCB Pattern)
Unit : m/m
ab
0.7
G
D
0.7
H
c
0.7
I
MS1608□□□□L□-□□□
G
I
I
PAGE: 1


Similar Part No. - MS1608R39ML

ManufacturerPart #DatasheetDescription
logo
Altech corporation
MS16 ALTECH-MS16 Datasheet
774Kb / 8P
MS016
logo
Pan Jit International I...
MS16 PANJIT-MS16 Datasheet
109Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
MS16 KISEMICONDUCTOR-MS16 Datasheet
5Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Microsemi Corporation
MS16100 MICROSEMI-MS16100 Datasheet
122Kb / 2P
16 AMP SCHOTTKY RECTIFIER
logo
Zibo Seno Electronic En...
MS16100 ZSELEC-MS16100 Datasheet
158Kb / 2P
16.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - MS1608R39ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
MULTILAYER CHIP INDUCTOR
MH10051N0DL ABC-MH10051N0DL Datasheet
101Kb / 6P
MULTILAYER CHIP INDUCTOR
MH16081N0D2 ABC-MH16081N0D2 Datasheet
153Kb / 6P
MULTILAYER CHIP INDUCTOR
MH16081N0DL ABC-MH16081N0DL Datasheet
393Kb / 5P
MULTILAYER CHIP INDUCTOR
MH20121N2DL ABC-MH20121N2DL Datasheet
106Kb / 6P
MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
MULTILAYER CHIP INDUCTOR
MS326147NML ABC-MS326147NML Datasheet
211Kb / 6P
MULTILAYER CHIP INDUCTOR
logo
Socay Electornics Co., ...
SCML20122R2MTF SOCAY-SCML20122R2MTF Datasheet
211Kb / 5P
Multilayer Chip Inductor
logo
Murata Manufacturing Co...
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
MULTILAYER FERRITE CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com