Electronic Components Datasheet Search
  English  ▼

X  

MS1608R27ML Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # MS1608R27ML
Description  MULTILAYER CHIP INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MS1608R27ML Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  MS1608R27ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp MS1608R27ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp MS1608R27ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp MS1608R27ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp MS1608R27ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp MS1608R27ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
Carrier tape width : D
※
10
Components
G.W. (Kg)
G
200 m/m min.
( 2 ) Dimensions
( 3 ) Q'TY & G.W. Per package
AR-001A
End
21±0.8
G.W. (gw)
Inner : Reel
Series
Q'TY (pcs)
4,000
MS1608
90
178
07 - 08
Style
AB
Q'TY (pcs)
Style
07 - 08
200,000
13
C
8
D
P:4 m/m
no component
Leader
User direction of feed
4 m/m
Ⅶ﹒PACKAGING INFORMATION:
( 1 ) Configuration
PROD.
NAME
REF :
MULTILAYER CHIP INDUCTOR
C
∮
2.0±0.5
T
Embossed Carrier
Size (cm)
41 x 39 x 22
7.0
-0
Outer : Carton
+0
G
50
N
12.5
T
Start
400 m/m min.
Unit:m/m
no component
Trailer
MS1608□□□□L□-□□□
Cover Tape
D
PAGE: 4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com