Electronic Components Datasheet Search
  English  ▼

X  

SB0805680YL Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SB0805680YL
Description  SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB0805680YL Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SB0805680YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB0805680YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB0805680YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB0805680YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB0805680YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB0805680YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB0805680YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
26
G.W. (Kg)
Outer : Carton
AR-001A
Q'TY (pcs)
3. Q'TY & G.W. Per package
Series
SB0805
800
2. Dimensions
13 - 24
Style
330
A
13 - 24
Style
G.W. (gw)
880
Inner : Reel
Q'TY (pcs)
3,200
13±0.5
User direction of feed
21±0.8
B
CD
24
40 x 40 x 24
4.5
Size (cm)
Unit:m/m
+0
G
-0
50
N
30.4
T
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
※Carrier tape width:D
Components
C
∮
200 m/m Min.
End
Leader
no component
P:12 m/m
4 m/m
G
SMD POWER INDUCTOR
2.0±0.5
Ⅵ﹒PACKAGING INFORMATION:
1. Configuration :
NAME
PROD.
REF :
T
400 m/m Min.
no component
Trailer
Start
Embossed carrier
Cover tape
SB0805□□□□L□-□□□
PAGE: 3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com