Electronic Components Datasheet Search
  English  ▼

X  

SB0805101YL Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SB0805101YL
Description  SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB0805101YL Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SB0805101YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB0805101YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB0805101YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB0805101YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB0805101YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB0805101YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB0805101YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
___
___
___
4
2
240
200
1.5
94V-0
220
240
130
130
130
130
130
130
130
130
AR-001A
NC , BK
NC , BK
E400(Y)L , E4008L
E4810
1.5
94V-0
3.0
94V-0
1.5
0.30
3.0
0.75
3.0
0.30
0.75
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
130
130
130
130
130
130
130
130
220
130
130
130
130
130
130
200
130
130
4
0
1
4
05
4
2
___
1
0
___
4
4
___
1
3
___
4
4
___
0
___
___
___
5
___
___
___
0
___
___
___
5
___
___
4
___
4
___
___
___
4
___
___
Imp
130
130
130
130
w/o
240
220
240
220
130
130
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
NC , BK
NC , BK
NC , WT , BK
SMD POWER INDUCTOR
E4010
E4008
Mtl Dsg
E4008 , E400X
NAME
PROD.
1.5
94V-0
1.5
3.0
0.75
0.30
3.0
0.75
0.30
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
mm
Col
0.75
0.30
Min
Thk
Class
94V-0
94V-0
UL94
Flame
130
130
220
220
220
130
130
220
130
200
200
180
130
130
180
130
Imp
with
RTI
130
130
Elec
130
130
Mech
REF :
2
___
___
4
4
2
___
1
3
___
4
4
___
1
34
___
4
___
___
___
0
___
___
5
___
___
___
0
___
___
5
I
I
___
3
___
4
W
HH
A
5
R
___
___
___
___
H
V
T
4
D
9
___
___
___
4
___
___
___
4
I
___
___
C
T
SB0805□□□□L□-□□□
E54705 (M)
PAGE: 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com