Electronic Components Datasheet Search
  English  ▼

X  

SB11084R5ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SB11084R5ML
Description  SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB11084R5ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SB11084R5ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB11084R5ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB11084R5ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB11084R5ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB11084R5ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB11084R5ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB11084R5ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1R0
1R0
1R0
1R0
1R0
SMD POWER INDUCTOR
400
4 m/m
13
1,600
P:16 m/m
Start
400 m/m min.
Trailer
no component
Unit:m/m
T
N
30.4
50-0
G
D
C
B
User direction of feed
26
24
21±0.8
+0
Components
End
no component
Leader
( 2 ) Dimensions
Style
13 - 24
330
A
200 m/m min.
Outer : Carton
Size (cm)
1,600
Q'TY (pcs)
G.W. (Kg)
8.6
40 x 40 x 24
Inner : Reel
Style
13 - 24
G.W. (gw)
Q'TY (pcs)
SB1108
Series
SB1108□□□□L□-□□□
ABC'S ITEM No.
ABC'S DWG No.
PROD.
NAME
Cover Tape
PAGE: 3
D
Embossed carrier
Carrier tape width : D
※
T
2.0±0.5
REF :
Ⅵ﹒
PACKAGING INFORMATION:
( 1 ) Configuration
G
C
∮
SPECIFICATION FOR APPROVAL
( 3 ) Q'TY & G.W. Per package
AE-001A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com