Electronic Components Datasheet Search
  English  ▼

X  

SB11083R3ML Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SB11083R3ML
Description  SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB11083R3ML Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SB11083R3ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB11083R3ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB11083R3ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB11083R3ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB11083R3ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB11083R3ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB11083R3ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
I
4
4
4
4
4
4
5
9
D
V
R
T
H
5
___
___
___
___
___
___
0
___
___
___
___
___
___
H
A
I
I
W
H
4
4
___
4
4
___
4
___
3
2
3
2
___
1
5
___
___
___
___
___
___
0
___
___
___
___
___
___
5
___
___
___
0
___
___
___
05
4
4
___
4
4
___
4
3
2
___
2
3
___
1
4
4
___
4
___
0
0
1
14
14
0
5
Imp
w/o
130
130
130
220
240
130
130
Imp
RTI
Elec
130
130
130
220
220
130
130
with
Mech
130
130
130
130
180
200
130
130
240
220
130
130
130
240
130
130
130
130
130
130
220
220
130
130
130
220
130
130
130
130
130
130
130
130
130
130
130
130
130
200
200
180
130
220
200
240
E54705 (M)
C
T
___
___
___
___
___
___
___
___
___
___
___
___
___
___
___
UL94
Flame
Class
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
mm
Thk
Min
1.5
1.5
3.0
0.30
0.75
0.75
0.30
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
1.5
1.5
3.0
0.75
0.30
0.30
0.75
1.5
3.0
0.30
0.75
3.0
3.0
94V-0
Mtl Dsg
E4008
E4008 , E400X
E4010
E4810
E400(Y)L , E4008L
Col
NC , BK
NC , WT , BK
NC , BK
NC , BK
NC , BK
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
SMD POWER INDUCTOR
SB1108□□□□L□-□□□
NAME
PROD.
ABC'S ITEM No.
ABC'S DWG No.
PAGE: 7
REF :
AE-001A
SPECIFICATION FOR APPROVAL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com