Electronic Components Datasheet Search
  English  ▼

X  

SB5014100ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SB5014100ML
Description  SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB5014100ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SB5014100ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB5014100ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB5014100ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB5014100ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB5014100ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB5014100ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB5014100ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1000
AR-001A
0.1
0.01
1
100
10
3R3
DC Current ( A )
0.1
1
10
100
330
101
3).Inductance Test Freq : 100KHz / 1V
SPECIFICATION FOR APPROVAL
Ⅴ﹒
ELECTRICAL CHARACTERISTICS :
@ Inductance VS. DC Superposition Characteristics
SMD POWER INDUCTOR
1). □:Packaging information … A:Bulk B:Taping Reel
SB50146R8ML□-□□□
6.8±20%
100.0±20%
SB5014101ML□-□□□
2). "-
":Reference code
Isat Bae on
L/L0A=10 % typ.
△
4). Irms Base on Temp. rise 40
typ.
℃
□ □
□
SB5014220ML□-□□□
SB5014100ML□-□□□
SB5014150ML□-□□□
SB5014680ML□-□□□
SB5014330ML□-□□□
SB5014470ML□-□□□
33.0±20%
47.0±20%
68.0±20%
22.0±20%
10.0±20%
15.0±20%
PROD.
NAME
REF :
SB50143R3ML□-□□□
SB50144R7ML□-□□□
SB50141R0ML□-□□□
SB50142R2ML□-□□□
DWG No.
3.3±20%
4.7±20%
2.2±20%
( µH )
Inductance
1.0±20%
100K
1.05
0.150
1.15
100K
1.950
100K
100K
100K
100K
100K
100K
0.890
0.625
1.250
0.430
0.185
0.300
0.22
0.28
0.35
0.46
0.66
0.53
1.00
0.80
0.35
0.30
0.45
0.65
0.60
0.90
SB5014□□□□L□-□□□
100K
100K
100K
( Hz )
Test Freq.
100K
0.105
0.078
0.058
(Ω )
max.
RDC
0.032
ABC'S ITEM NO.
ABC'S DWG NO.
1.72
1.40
( A )
typ.
Isat
2.80
2.10
1.60
1.20
1.80
( A )
typ.
2.50
Irms
PAGE: 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com